Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS8NF30L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS8NF30L
Description  N - CHANNEL 30V - 0.018ohm - 8A SO-8 STripFET POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS8NF30L Datasheet(HTML) 1 Page - STMicroelectronics

  STS8NF30L Datasheet HTML 1Page - STMicroelectronics STS8NF30L Datasheet HTML 2Page - STMicroelectronics STS8NF30L Datasheet HTML 3Page - STMicroelectronics STS8NF30L Datasheet HTML 4Page - STMicroelectronics STS8NF30L Datasheet HTML 5Page - STMicroelectronics STS8NF30L Datasheet HTML 6Page - STMicroelectronics STS8NF30L Datasheet HTML 7Page - STMicroelectronics STS8NF30L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STS8NF30L
N - CHANNEL 30V - 0.018
Ω - 8A SO-8
STripFET
™ POWER MOSFET
s
TYPICAL RDS(on) = 0.018
Ω
s
STANDARD OUTLINE FOR EASY
AUTOMATED SURFACE MOUNT ASSEMBLY
s
LOW THRESHOLD DRIVE
DESCRIPTION
This Power MOSFET is the second generation of
STMicroelectronics unique
”
Single Feature
Size
™ ” strip-based process. The resulting
transistor shows extremely high packing density
for
low
on-resistance,
rugged
avalanche
characteristics and less critical alignment steps
therefore
a
remarkable
manufacturing
reproducibility.
APPLICATIONS
s
DC MOTOR DRIVE
s
DC-DC CONVERTERS
s
BATTERY MANAGMENT IN NOMADIC
EQUIPMENT
s
POWER MANAGEMENT IN
PORTABLE/DESKTOP PCs
®
INTERNAL SCHEMATIC DIAGRAM
December 1999
SO-8
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Un it
VDS
Drain-source Volt age (VGS =0)
30
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)30
V
VGS
G ate-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc = 25
oC
Single O perat ion
Drain Current (continuous) at Tc =100
oC
Single O perat ion
8
5
A
A
IDM(
•)
Drain Current (pulsed)
32
A
Ptot
T otal Dissipation at Tc =25
oC
2.5
W
(
•) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STS8NF 30L
30 V
< 0.022
Ω
6A
1/8


Similar Part No. - STS8NF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS8NFS30L STMICROELECTRONICS-STS8NFS30L Datasheet
84Kb / 8P
N - CHANNEL 30V - 0.018ohm - 8A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
Dec-1999
More results

Similar Description - STS8NF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS10NF30L STMICROELECTRONICS-STS10NF30L Datasheet
44Kb / 6P
N - CHANNEL 30V - 0.011ohm - 10A SO-8 STripFET POWER MOSFET
Jun-2000
STS12NF30L STMICROELECTRONICS-STS12NF30L Datasheet
82Kb / 8P
N - CHANNEL 30V - 0.0085W - 12A SO-8 STripFET POWER MOSFET
May-1999
STS4DNF30L STMICROELECTRONICS-STS4DNF30L Datasheet
135Kb / 6P
DUAL N-CHANNEL 30V - 0.039ohm - 4A SO-8 STripFET™ POWER MOSFET
Aug-2002
STS6DNF30L STMICROELECTRONICS-STS6DNF30L Datasheet
83Kb / 8P
DUAL N - CHANNEL 30V - 0.022ohm - 6A SO-8 STripFET POWER MOSFET
Apr-1999
STS7DNF30L STMICROELECTRONICS-STS7DNF30L Datasheet
46Kb / 6P
DUAL N - CHANNEL 30V - 0.018ohm - 7A SO-8 STripFET POWER MOSFET
Nov-1999
STS7NF30L STMICROELECTRONICS-STS7NF30L Datasheet
72Kb / 5P
N - CHANNEL 30V - 0.021ohm - 7A SO-8 STripFET POWER MOSFET
May-1999
STS8NFS30L STMICROELECTRONICS-STS8NFS30L Datasheet
84Kb / 8P
N - CHANNEL 30V - 0.018ohm - 8A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
Dec-1999
STS12NF30L STMICROELECTRONICS-STS12NF30L_07 Datasheet
305Kb / 12P
N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
31-Jan-2007
STS9NH3LL STMICROELECTRONICS-STS9NH3LL Datasheet
325Kb / 12P
N-channel 30V - 0.018ohm - 9A - SO-8 Low gate charge STripFET TM III Power MOSFET
24-Jul-2006
STS4C3F30L STMICROELECTRONICS-STS4C3F30L Datasheet
392Kb / 14P
N-channel 30V - 0.044廓 - 5A - SO-8 STripFET??Power MOSFET
12-May-2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com