Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # R8C/15
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 19Page - Renesas Technology Corp R8C/15 Datasheet HTML 20Page - Renesas Technology Corp R8C/15 Datasheet HTML 21Page - Renesas Technology Corp R8C/15 Datasheet HTML 22Page - Renesas Technology Corp R8C/15 Datasheet HTML 23Page - Renesas Technology Corp R8C/15 Datasheet HTML 24Page - Renesas Technology Corp R8C/15 Datasheet HTML 25Page - Renesas Technology Corp R8C/15 Datasheet HTML 26Page - Renesas Technology Corp R8C/15 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Rev.2.00
Jan 30, 2006
Page 23 of 37
REJ03B0102-0200
R8C/14 Group, R8C/15 Group
5. Electrical Characteristics
Figure 5.2
Time delay from Suspend Request until Erase Suspend
NOTES:
1.
The measurement condition is VCC = AVCC = 2.7V to 5.5V and Topr = -40
°C to 85 °C.
2.
Necessary time until the voltage detection circuit operates when setting to “1” again after setting the VCA26 bit in the VCA2
register to “0”.
3.
Hold Vdet2 > Vdet1.
NOTES:
1.
The measurement condition is VCC = AVCC = 2.7V to 5.5V and Topr = -40
°C to 85 °C.
2.
Time until the voltage monitor 2 interrupt request is generated since the voltage passes Vdet1.
3.
Necessary time until the voltage detection circuit operates when setting to “1” again after setting the VCA27 bit in the VCA2
register to “0”.
4.
Hold Vdet2 > Vdet1.
Table 5.6
Voltage Detection 1 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet1
Voltage Detection Level(3)
2.70
2.85
3.00
V
−
Voltage Detection Circuit Self Power Consumption
VCA26 = 1, VCC = 5.0V
−
600
−
nA
td(E-A)
Waiting Time until Voltage Detection Circuit Operation
Starts(2)
−−
100
µs
Vccmin
Microcomputer Operating Voltage Minimum Value
2.7
−−
V
Table 5.7
Voltage Detection 2 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet2
Voltage Detection Level(4)
3.00
3.30
3.60
V
−
Voltage Monitor 2 Interrupt Request Generation Time(2)
−
40
−µs
−
Voltage Detection Circuit Self Power Consumption
VCA27 = 1, VCC = 5.0V
−
600
−
nA
td(E-A)
Waiting Time until Voltage Detection Circuit Operation
Starts(3)
−−
100
µs
FMR46
Erase-Suspend Request
(Maskable interrupt Request)
td(SR-ES)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com