Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R8C/15
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 20Page - Renesas Technology Corp R8C/15 Datasheet HTML 21Page - Renesas Technology Corp R8C/15 Datasheet HTML 22Page - Renesas Technology Corp R8C/15 Datasheet HTML 23Page - Renesas Technology Corp R8C/15 Datasheet HTML 24Page - Renesas Technology Corp R8C/15 Datasheet HTML 25Page - Renesas Technology Corp R8C/15 Datasheet HTML 26Page - Renesas Technology Corp R8C/15 Datasheet HTML 27Page - Renesas Technology Corp R8C/15 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Rev.2.00
Jan 30, 2006
Page 24 of 37
REJ03B0102-0200
R8C/14 Group, R8C/15 Group
5. Electrical Characteristics
NOTES:
1.
This condition is not applicable when using with Vcc
≥ 1.0V.
2.
When turning power on after the time to hold the external power below effective voltage (Vpor1) exceeds10s, refer to Table
5.9 Reset Circuit Electrical Characteristics (When Not Using Voltage Monitor 1 Reset).
3.
tw(por2) is time to hold the external power below effective voltage (Vpor2).
NOTES:
1.
When not using the voltage monitor 1 reset, use with Vcc
≥ 2.7V.
2.
tw(por1) is time to hold the external power below effective voltage (Vpor1).
Figure 5.3
Reset Circuit Electrical Characteristics
Table 5.8
Reset Circuit Electrical Characteristics (When Using Voltage Monitor 1 Reset )
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vpor2
Power-On Reset Valid Voltage
-20
°C ≤ Topr < 85°C
−−
Vdet1
V
tw(Vpor2-Vdet1) Supply Voltage Rising Time When Power-On Reset is
Deasserted(1)
-20
°C ≤ Topr < 85°C,
tw(por2)
≥ 0s(3)
−−
100
ms
Table 5.9
Reset Circuit Electrical Characteristics (When Not Using Voltage Monitor 1 Reset)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vpor1
Power-On Reset Valid Voltage
-20
°C ≤ Topr < 85°C
−−
0.1
V
tw(Vpor1-Vdet1)
Supply Voltage Rising Time When Power-On Reset is
Deasserted
0
°C ≤ Topr ≤ 85°C,
tw(por1)
≥ 10s(2)
−−
100
ms
tw(Vpor1-Vdet1)
Supply Voltage Rising Time When Power-On Reset is
Deasserted
-20
°C ≤ Topr < 0°C,
tw(por1)
≥ 30s(2)
−−
100
ms
tw(Vpor1-Vdet1)
Supply Voltage Rising Time When Power-On Reset is
Deasserted
-20
°C ≤ Topr < 0°C,
tw(por1)
≥ 10s(2)
−−
1ms
tw(Vpor1-Vdet1)
Supply Voltage Rising Time When Power-On Reset is
Deasserted
0
°C ≤ Topr ≤ 85°C,
tw(por1)
≥ 1s(2)
−−
0.5
ms
NOTES:
1. Hold the voltage of the microcomputer operation voltage range (Vccmin or above) within sampling time.
2. A sampling clock can be selected. Refer to 6. Voltage Detection Circuit of Hardware Manual for details.
3. Vdet1 indicates the voltage detection level of the voltage detection 1 circuit. Refer to 6. Voltage Detection Circuit of
Hardware Manual for details.
Vdet1(3)
Vpor1
Internal Reset
Signal
(“L” Valid)
tw(por1)
tw(Vpor1–Vdet1)
Sampling Time(1, 2)
Vdet1(3)
1
fRING-S
× 32
1
fRING-S
× 32
Vpor2
Vccmin
tw(por2) tw(Vpor2–Vdet1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com