Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSR220 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STSR220
Description  HIGH EFFICIENCY SWITCHED MODE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSR220 Datasheet(HTML) 2 Page - STMicroelectronics

  STSR220 Datasheet HTML 1Page - STMicroelectronics STSR220 Datasheet HTML 2Page - STMicroelectronics STSR220 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IR
Reverse leakage
current
VR = VRRM
Tj = 25°C
10
µA
Tj = 100°C
0.5
mA
VF
Forward voltage
drop
IF = 2A
Tj = 25°C
1
V
IF = 2A
Tj = 100°C
0.8
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth (j - a)
Junction to ambient thermal resistance *
40
°C/W
* On infinite heatsink with 10mm lead lengh.
THERMAL RESISTANCE
RECOVERY CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
trr
Tj = 25°C
IF = 1A
VR = 30V
diF/dt = -50A/
µs35
ns
Qrr
Tj = 25°C
IF = 2A
VR < 30V
diF/dt = -20A/
µs12
nC
tfr
Tj = 25°C
IF = 1A
Measured at 1.1x VF
tr = 10ns
20
ns
VFP
Tj = 25°C
IF = 1A
tr = 10ns
5
V
To evaluate the conduction losses use the following equation:
P = 0.68 x IF(AV) + 0.06 IF
2
(RMS)
STSR220
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com