Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSR220 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSR220
Description  HIGH EFFICIENCY SWITCHED MODE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSR220 Datasheet(HTML) 1 Page - STMicroelectronics

  STSR220 Datasheet HTML 1Page - STMicroelectronics STSR220 Datasheet HTML 2Page - STMicroelectronics STSR220 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STSR220
®
October 1999 - Ed: 2A
HIGH EFFICIENCY SWITCHED MODE RECTIFIER
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
VRSM
Non repetitive peak reverse voltage
220
V
IFRM
Repetive peak forward current
tp < 20
µs70
A
IF (AV)
Average forward current *
Ta = 75°C
δ = 0.5
2A
IFSM
Surge non repetitive forward current
tp = 10ms
Sinusoidal
70
A
Ptot
Power dissipation *
Ta = 75°C
1.85
W
Tstg
Tj
Storage temperature range
Maximum junction temperature
- 40 to + 150
150
°C
TL
Maximum lead temperature for soldering during 10s at
4mm from case
230
°C
ABSOLUTE RATINGS (limiting values)
F126
(Plastic)
VERY LOW CONDUCTION LOSSES
NEGLIGIBLE SWITCHING LOSSES
LOW FORWARD AND REVERSE RECOVERY
TIMES
HIGH SURGE CURRENT
FEATURES AND BENEFITS
Low voltage drop rectifiers suited for Switched
Mode Power Supplies and for switching mode
base drive and transistor circuit.
DESCRIPTION
IF(AV)
2A
VRRM
200V
VF(max)
0.8V
MAIN PRODUCT CHARACTERISTICS
* On infinite heatsink with 10mm lead length
1/3


Similar Part No. - STSR220

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSR2 STMICROELECTRONICS-STSR2 Datasheet
287Kb / 12P
FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
Jun-2003
STSR2CD STMICROELECTRONICS-STSR2CD Datasheet
287Kb / 12P
FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
Jun-2003
STSR2CD-TR STMICROELECTRONICS-STSR2CD-TR Datasheet
287Kb / 12P
FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
Jun-2003
STSR2MCD STMICROELECTRONICS-STSR2MCD Datasheet
287Kb / 12P
FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
Jun-2003
STSR2MCD-TR STMICROELECTRONICS-STSR2MCD-TR Datasheet
287Kb / 12P
FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
Jun-2003
More results

Similar Description - STSR220

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
RM24150 CANDD-RM24150 Datasheet
425Kb / 4P
150 AMP MODULAR SWITCHED MODE RECTIFIER
RM4830 CANDD-RM4830 Datasheet
210Kb / 4P
30 AMP MODULAR SWITCHED MODE RECTIFIER
RM4850 CANDD-RM4850 Datasheet
250Kb / 4P
50 AMP MODULAR SWITCHED MODE RECTIFIER
logo
National Semiconductor ...
LM2770 NSC-LM2770 Datasheet
796Kb / 14P
High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
logo
C&D Technologies
TPS_RM4830 CANDD-TPS_RM4830 Datasheet
117Kb / 4P
MODULAR SWITCHED MODE RECTIFIER
TPS_RM24150 CANDD-TPS_RM24150 Datasheet
130Kb / 4P
MODULAR SWITCHED MODE RECTIFIER
logo
Texas Instruments
LM2770 TI-LM2770_15 Datasheet
2Mb / 20P
High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
logo
Renesas Technology Corp
DA9313 RENESAS-DA9313 Datasheet
810Kb / 58P
High Efficiency Dual Cell Switched Capacitor Divider
23-Feb-2022
logo
Silicon Mitus, Inc.
SM5451 SILICONMITUS-SM5451 Datasheet
733Kb / 2P
A Very High Efficiency Switched Capacitor 6A Charger with Quadruple Mode
May 2021 Rev. 1.0.0
SM5470 SILICONMITUS-SM5470 Datasheet
881Kb / 2P
A Very High Efficiency Switched Capacitor 6A Charger with Bypass Mode
July 2021 Rev. 0.0.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com