Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSR2MCD Datasheet(PDF) 5 Page - STMicroelectronics

Part # STSR2MCD
Description  FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSR2MCD Datasheet(HTML) 5 Page - STMicroelectronics

  STSR2MCD Datasheet HTML 1Page - STMicroelectronics STSR2MCD Datasheet HTML 2Page - STMicroelectronics STSR2MCD Datasheet HTML 3Page - STMicroelectronics STSR2MCD Datasheet HTML 4Page - STMicroelectronics STSR2MCD Datasheet HTML 5Page - STMicroelectronics STSR2MCD Datasheet HTML 6Page - STMicroelectronics STSR2MCD Datasheet HTML 7Page - STMicroelectronics STSR2MCD Datasheet HTML 8Page - STMicroelectronics STSR2MCD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STSR2
5/12
TIMING DIAGRAM
APPLICATION INFORMATION: STSR2 IN FORWARD CONVERTER SECONDARY SIDE
NOTES
1) Ceramic Capacitors C1 and C2 must be placed very close to the IC;
2) R1 andR2set theanticipationtimeby partitioning theVCC voltage;
3) R3 and R4 is a resistor divider meant to provide the correct CK voltage range;
4) R5 limits the current flowing through diode D2 when Freewheeling drain voltage is high;
5) D1 could be necessary to protect INHIBIT pin from negative voltages.
6) D2 could be necessary to protect INHIBIT pin from voltages higher than VCC
7) D3 could be necessary to protect CK pin from voltages higher than VCC.
8) SGLGND layout trace must not include OUTGATE1,2 current paths.
9) A capacitor in parallel with R4 could be necessary to eliminate turn off voltage spike.
+5V
+5V
Vout
Vin
+5V
INDUCTOR
Cout
100nF
R1
R2
R3
R4
R5
D1
D2
100nF
TRANSFORMER
STSR2
4
6
3
Ck
SGLGND
SETANT
MosfetN
Q1
MosfetN
Q2
D3
PWM
Feedback
Loop
option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com