Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSR2MCD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSR2MCD
Description  FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSR2MCD Datasheet(HTML) 1 Page - STMicroelectronics

  STSR2MCD Datasheet HTML 1Page - STMicroelectronics STSR2MCD Datasheet HTML 2Page - STMicroelectronics STSR2MCD Datasheet HTML 3Page - STMicroelectronics STSR2MCD Datasheet HTML 4Page - STMicroelectronics STSR2MCD Datasheet HTML 5Page - STMicroelectronics STSR2MCD Datasheet HTML 6Page - STMicroelectronics STSR2MCD Datasheet HTML 7Page - STMicroelectronics STSR2MCD Datasheet HTML 8Page - STMicroelectronics STSR2MCD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
June 2003
s
SUPPLY VOLTAGE RANGE: 4.5V TO 5.5V
s
TYPICAL PEAK OUTPUT CURRENT:
SOURCE -2A, SINK 3.5A
s
OPERATING FREQUENCY: 20 TO 750 KHZ
s
SMART TURN-OFF ANTICIPATION TIMING
s
OPERATION INDEPENDENT FROM THE
FORWARD MAGNETIC RESET TECHNIQUE
s
POSSIBILITY TO OPERATE IN
DISCONTINUOUS MODE
DESCRIPTION
STSR2
Smart
Driver
IC
provides
two
complementary high current outputs to drive
Power Mosfets. The IC is dedicated to properly
drive
secondary
Synchronous
Rectifiers
in
medium power, low output voltage, high efficiency
Forward Converters. From a synchronizing clock
input, STSR2 generates two driving signals with
the
self-setting
of
dead
time
between
complementary pulses. The IC operation prevents
secondary
side
shoot-through
conditions
providing proper timing at the outputs turn-off
transition. This smart function operates through a
fast cycle-after-cycle control logic mechanism
based on an internal high frequency oscillator,
synchronized
by
the
clock
signal.
A
fixed
anticipation in turning-off the OUTGATE1 with
respect to the clock signal transition is provided,
while the anticipation in turning off the OUTGATE2
can be set through external components. The
adopted transitions revelation mechanism makes
circuit operation independent by the forward
magnetic reset technique used, avoiding most of
the common problems inherent in self-driven
synchronous rectifiers. A special Inhibit function
allows the shut-off of OUTGATE2. This feature
makes discontinuous conduction mode possible
and prevents the freewheeling mosfet from
sinking current from the output.
STSR2 automatically turns off the outputs when
duty-cycle is lower than 13%, while STSR2M
works even at very low duty-cycle values.
STSR2
FORWARD SYNCHRONOUS
RECTIFIERS SMART DRIVER
PEAK
DETECTOR
BIAS
UVLO
CK
Vcc
6
5.7V
8
4
2
OUTPUT
BUFFERS
7
OUTGate2
PWRGND
SGLGND
ANTICIPATION
SET
3 SETANT2
5
INHIBIT
25mV
-
+
DIGITAL
CONTROL
HIGH
FREQUENCY
OSCILLATOR
1
OUTGate1
+
+
+
SCHEMATIC DIAGRAM
SO-8


Similar Part No. - STSR2MCD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSR220 STMICROELECTRONICS-STSR220 Datasheet
23Kb / 3P
HIGH EFFICIENCY SWITCHED MODE RECTIFIER
Oct-1999
STSR2P STMICROELECTRONICS-STSR2P Datasheet
291Kb / 12P
FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
Sep-2003
STSR2PCD STMICROELECTRONICS-STSR2PCD Datasheet
291Kb / 12P
FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
Sep-2003
STSR2PCD-TR STMICROELECTRONICS-STSR2PCD-TR Datasheet
291Kb / 12P
FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
Sep-2003
STSR2PM STMICROELECTRONICS-STSR2PM Datasheet
291Kb / 12P
FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
Sep-2003
More results

Similar Description - STSR2MCD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSR3 STMICROELECTRONICS-STSR3 Datasheet
269Kb / 12P
SYNCHRONOUS RECTIFIERS SMART DRIVER FOR FLYBACK
Jun-2003
logo
Semtech Corporation
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1405B SEMTECH-SC1405B Datasheet
136Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
logo
Linear Technology
LTC3900 LINER-LTC3900 Datasheet
198Kb / 12P
Synchronous Rectifier Driver for Forward Converters
logo
STMicroelectronics
STSR30 STMICROELECTRONICS-STSR30 Datasheet
197Kb / 10P
SYNCHRONOUS RECTIFIER SMART DRIVER FOR FLYBACK
Jan-2004
STSR2P STMICROELECTRONICS-STSR2P Datasheet
291Kb / 12P
FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
Sep-2003
logo
Semtech Corporation
SC1405D SEMTECH-SC1405D Datasheet
248Kb / 14P
High Speed Synchronous Power MOSFET Smart Driver
logo
Linear Technology
LTC3900 LINER-LTC3900_1 Datasheet
282Kb / 20P
Synchronous Rectifier Driver for Forward Converters
logo
STMicroelectronics
STPRDC01 STMICROELECTRONICS-STPRDC01 Datasheet
90Kb / 3P
Synchronous rectifier smart driver
02-Mar-2018
STRG02 STMICROELECTRONICS-STRG02 Datasheet
185Kb / 3P
Synchronous rectifier smart driver
03-Mar-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com