Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS00 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS00
Description  Quadruple 2-Input NAND Gates
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS00 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS00 Datasheet HTML 1Page - Renesas Technology Corp HD74LS00 Datasheet HTML 2Page - Renesas Technology Corp HD74LS00 Datasheet HTML 3Page - Renesas Technology Corp HD74LS00 Datasheet HTML 4Page - Renesas Technology Corp HD74LS00 Datasheet HTML 5Page - Renesas Technology Corp HD74LS00 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.2.00, Feb.18.2005, page 1 of 5
HD74LS00
Quadruple 2-Input NAND Gates
REJ03D0387–0200
Rev.2.00
Feb.18.2005
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS00P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
—
HD74LS00FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
HD74LS00RPEL
SOP-14 pin (JEDEC)
PRSP0014DE-A
(FP-14DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
VCC
4B
4A
4Y
3A
3B
1A
GND
1B
1Y
2A
2B
2Y
3Y
1
2
3
4
5
6
7
14
8
9
10
11
12
13


Similar Part No. - HD74LS00

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS00 HITACHI-HD74LS00 Datasheet
42Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
HD74LS00 HITACHI-HD74LS00 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
HD74LS00DA HITACHI-HD74LS00DA Datasheet
42Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
HD74LS00DN HITACHI-HD74LS00DN Datasheet
42Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
HD74LS00DP HITACHI-HD74LS00DP Datasheet
42Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - HD74LS00

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC00A DIODES-74LVC00A Datasheet
183Kb / 9P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
74LV00A DIODES-74LV00A Datasheet
303Kb / 9P
QUADRUPLE 2-INPUT NAND GATES
Rev 1
74HCT00 DIODES-74HCT00 Datasheet
305Kb / 8P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
74HC00 DIODES-74HC00 Datasheet
299Kb / 8P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
74AHCT00 DIODES-74AHCT00 Datasheet
288Kb / 8P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
74AHC00 DIODES-74AHC00 Datasheet
294Kb / 8P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00_15 Datasheet
94Kb / 8P
Quadruple 2-Input NAND Gates
logo
Aeroflex Circuit Techno...
UT54ACS00 AEROFLEX-UT54ACS00 Datasheet
230Kb / 9P
Quadruple 2-Input NAND Gates
UT54ACS00E AEROFLEX-UT54ACS00E Datasheet
414Kb / 8P
Quadruple 2-Input NAND Gates
UT54ACTS00E AEROFLEX-UT54ACTS00E Datasheet
207Kb / 9P
Quadruple 2-Input NAND Gates
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com