Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS73A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS73A
Description  Dual J-K Flip-Flops (with Clear)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS73A Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS73A Datasheet HTML 1Page - Renesas Technology Corp HD74LS73A Datasheet HTML 2Page - Renesas Technology Corp HD74LS73A Datasheet HTML 3Page - Renesas Technology Corp HD74LS73A Datasheet HTML 4Page - Renesas Technology Corp HD74LS73A Datasheet HTML 5Page - Renesas Technology Corp HD74LS73A Datasheet HTML 6Page - Renesas Technology Corp HD74LS73A Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.3.00, Jul.22.2005, page 1 of 6
HD74LS73A
Dual J-K Flip-Flops (with Clear)
REJ03D0414–0300
Rev.3.00
Jul.22.2005
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS73AP
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
—
HD74LS73ARPEL
SOP-14 pin (JEDEC)
PRSP0014DE-A
(FP-14DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
1J
1
Q
1Q
GND
2Q
2K
1CK
2J
1CLR
1K
VCC
2CK
2CLR
2
Q
1
2
3
4
5
6
7
14
8
9
10
11
12
13
K
CK
J
CLR
Q
Q
J
CK
K
Q
Q
CLR
Function Table
Inputs
Outputs
Clear
Clock
J
K
Q
Q
L
X
X
X
L
H
H
↓
L
L
Q0
Q
0
H
↓
H
L
H
L
H
↓
L
H
L
H
H
↓
H
H
Toggle
H
H
X
X
QO
Q
O
H; high level, L; low level, X; irrelevant,
↓; transition from high to low level,
Q0; level of Q before the indicated steady-state input conditions were established.
Q
0; complement of Q0 or level of Q before the indicated steady-state input conditions were established.
Toggle; each output changes to the complement of its previous level on each active transition indicated by
↓.


Similar Part No. - HD74LS73A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS73A HITACHI-HD74LS73A Datasheet
66Kb / 6P
Dual J-K Flip-Flops(with Clear)
HD74LS73A HITACHI-HD74LS73A Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS73A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54107 TI-SN54107 Datasheet
493Kb / 12P
DUAL J-K FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC107 HITACHI-HD74HC107 Datasheet
57Kb / 9P
Dual J-K Flip-Flops (with Clear)
HD74HC73 HITACHI-HD74HC73 Datasheet
57Kb / 9P
Dual J-K Flip-Flops (with Clear)
HD74LS73A HITACHI-HD74LS73A Datasheet
66Kb / 6P
Dual J-K Flip-Flops(with Clear)
logo
National Semiconductor ...
MM54HC73 NSC-MM54HC73 Datasheet
140Kb / 6P
Dual J-K Flip-Flops with Clear
logo
Renesas Technology Corp
HD74HC73 RENESAS-HD74HC73 Datasheet
107Kb / 8P
Dual J-K Flip-Flops (with Clear)
logo
Texas Instruments
SN74HC73D TI1-SN74HC73D Datasheet
123Kb / 4P
DUAL J-K FLIP-FLOPS WITH CLEAR
logo
Renesas Technology Corp
HD74HC107 RENESAS-HD74HC107_15 Datasheet
127Kb / 10P
Dual J-K Flip-Flops (with Clear)
logo
Texas Instruments
SN5473 TI1-SN5473_15 Datasheet
872Kb / 17P
DUAL J-K FLIP-FLOPS WITH CLEAR
SN54107 TI1-SN54107_15 Datasheet
841Kb / 16P
DUAL J-K FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com