Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS73A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LS73A
Description  Dual J-K Flip-Flops (with Clear)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS73A Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LS73A Datasheet HTML 1Page - Renesas Technology Corp HD74LS73A Datasheet HTML 2Page - Renesas Technology Corp HD74LS73A Datasheet HTML 3Page - Renesas Technology Corp HD74LS73A Datasheet HTML 4Page - Renesas Technology Corp HD74LS73A Datasheet HTML 5Page - Renesas Technology Corp HD74LS73A Datasheet HTML 6Page - Renesas Technology Corp HD74LS73A Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HD74LS73A
Rev.3.00, Jul.22.2005, page 3 of 6
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
—
—
V
Input voltage
VIL
—
—
0.8
V
VOH
2.7
—
—
V
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V,
IOH = –400
µA
—
—
0.5
IOL = 8 mA
Output voltage
VOL
—
—
0.4
V
IOL = 4 mA
VCC = 4.75 V, VIH = 2 V,
VIL = 0.8 V
J, K
—
—
20
Clear
—
—
60
Clock
IIH
—
—
80
µA
VCC = 5.25 V, VI = 2.7 V
J, K
—
—
–0.4
Clear
—
—
–0.8
Clock
IIL
—
—
–0.8
mA
VCC = 5.25 V, VI = 0.4 V
J, K
—
—
0.1
Clear
—
—
0.3
Input current
Clock
II
—
—
0.4
mA
VCC = 5.25 V, VI = 7 V
Short-circuit output current
IOS
–20
—
–100
mA
VCC = 5.25 V
Supply current**
ICC
—
4
6
mA
VCC = 5.25 V
Input clamp voltage
VIK
—
—
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Notes: *
VCC = 5 V, Ta = 25°C
** With all outputs open, ICC is measured with the Q and Q outputs high in turn. At time of measurement, the
clock input is founded.
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Outputs
min.
typ.
max.
Unit
Condition
Maximum clock frequency
fmax
30
45
—
MHz
tPLH
—
15
20
ns
Propagation delay time
tPHL
Clear
Clock
Q,
Q
—
15
20
ns
CL = 15 pF, RL = 2 k
Ω
Timing Definition
J, K
Clock
0 V
3 V
0 V
3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
"H" Data
"L" Data
tw
tsu
th
tsu
th



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com