Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS123 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS123
Description  Dual Retriggerable Monostable Multivibrators (with Clear)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS123 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS123 Datasheet HTML 1Page - Renesas Technology Corp HD74LS123 Datasheet HTML 2Page - Renesas Technology Corp HD74LS123 Datasheet HTML 3Page - Renesas Technology Corp HD74LS123 Datasheet HTML 4Page - Renesas Technology Corp HD74LS123 Datasheet HTML 5Page - Renesas Technology Corp HD74LS123 Datasheet HTML 6Page - Renesas Technology Corp HD74LS123 Datasheet HTML 7Page - Renesas Technology Corp HD74LS123 Datasheet HTML 8Page - Renesas Technology Corp HD74LS123 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74LS123
Rev.2.00, Feb.18.2005, page 4 of 8
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Outputs
min.
typ.
max.
Unit
Condition
tPLH
Q
—
23
33
tPHL
A
Q
—
32
45
tPLH
Q
—
23
44
tPHL
B
Q
—
34
56
tPLH
Q
—
20
27
Propagation delay
time
tPHL
CLR
Q
—
28
45
ns
Cext = 0, Rext = 5 k
Ω,
CL = 15 pF, RL = 2 k
Ω
t(out)min
Q
—
116
200
Output pulse width
t(out)
A, B
Q
4
4.5
5
µs
Cext = 1000 pF,
Rext = 10 k
Ω,
CL = 15 pF, RL = 2 k
Ω
Typical Application Data for HD74LS123
For pulse widths when Cext
≤ 1000 pF, See Figure 3.
The output pulse is primarily a function of the external capacitor and resistor. For Cext > 1000 pF, the output pulse
width (tw) is defined as: tw(out) = K
• R
ext
• C
ext; See Figure 4.
VCC
Rext (k
Ω)
Cext (pF)
tw(out) (ns)
Rext
to Rext/Cext
to Cext
Cext
+
–
Figure 2
Timing Component Connections
10
1
10
100
1,000
100
1,000
10,000
100,000
External capacitance Cext (pF)
Rext = 80k
Ω
40k
Ω
20k
Ω
10k
Ω
5k
Ω
Rext = 160k
Ω
Figure 3
Typical Output Pulse Width (Cext
≤ 1000 pF)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com