Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS123 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS123
Description  Dual Retriggerable Monostable Multivibrators (with Clear)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS123 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS123 Datasheet HTML 1Page - Renesas Technology Corp HD74LS123 Datasheet HTML 2Page - Renesas Technology Corp HD74LS123 Datasheet HTML 3Page - Renesas Technology Corp HD74LS123 Datasheet HTML 4Page - Renesas Technology Corp HD74LS123 Datasheet HTML 5Page - Renesas Technology Corp HD74LS123 Datasheet HTML 6Page - Renesas Technology Corp HD74LS123 Datasheet HTML 7Page - Renesas Technology Corp HD74LS123 Datasheet HTML 8Page - Renesas Technology Corp HD74LS123 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.2.00, Feb.18.2005, page 1 of 8
HD74LS123
Dual Retriggerable Monostable Multivibrators (with Clear)
REJ03D0429–0200
Rev.2.00
Feb.18.2005
This d-c triggered multivibrator features output pulse width control by three method. The basic pulse time is
programmed by selection of external resistance and capacitance values. Once triggered, the basic pulse width may be
extended by retriggering the gated low-level -active (A) or high-level active (B) inputs, or be reduced by use of the
overriding clear. Figure 1 illustrates pulse control by retriggering and early clear. This device is provided enough
Schmitt hysteresis to ensure jitter-free triggering from the B input with transition rates as slow as 0.1 mV/ns.
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS123P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74LS123FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
HD74LS123RPEL
SOP-16 pin (JEDEC)
PRSP0016DG-A
(FP-16DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
A = "L"
A = "L"
Clear = "H"
B
Retrigger Pulse
Output without
retrigger
Output without
clear
"L"
"H"
"H"
"L"
"L"
"L"
"H"
"H"
"H"
"L"
tw + tPLH
tw
Q
B
Clear
Q
Figure 1
Typical Input / Output Pulse


Similar Part No. - HD74LS123

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS123 HITACHI-HD74LS123 Datasheet
87Kb / 7P
Dual Retriggerable Monostable Multivibrators(with Clear)
HD74LS123 HITACHI-HD74LS123 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS123

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Hitachi Semiconductor
HD74HC123A HITACHI-HD74HC123A Datasheet
48Kb / 8P
Dual Retriggerable Monostable Multivibrators (with Clear)
HD74LS122 HITACHI-HD74LS122 Datasheet
91Kb / 7P
Retriggerable Monostable Multivibrators(with Clear)
HD74LS123 HITACHI-HD74LS123 Datasheet
87Kb / 7P
Dual Retriggerable Monostable Multivibrators(with Clear)
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
Dual Retriggerable Monostable Multivibrators
HD74HC123A RENESAS-HD74HC123A Datasheet
59Kb / 8P
Dual Retriggerable Monostable Multivibrators (with Clear)
HD74HC123A RENESAS-HD74HC123A_15 Datasheet
122Kb / 11P
Dual Retriggerable Monostable Multivibrators (with Clear)
logo
Texas Instruments
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com