Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT818B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STT818B
Description  HIGH GAIN LOW VOLTAGE PNP POWER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT818B Datasheet(HTML) 1 Page - STMicroelectronics

  STT818B Datasheet HTML 1Page - STMicroelectronics STT818B Datasheet HTML 2Page - STMicroelectronics STT818B Datasheet HTML 3Page - STMicroelectronics STT818B Datasheet HTML 4Page - STMicroelectronics STT818B Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STT818B
HIGH GAIN LOW VOLTAGE
PNP POWER TRANSISTOR
s
VERY LOW COLLECTOR TO EMITTER
SATURATION VOLTAGE
s
DC CURRENT GAIN > 100 (hFE)
s
3 A CONTINUOUS COLLECTOR CURRENT
(IC)
s
SURFACE-MOUNTING SOT23-6L PACKAGE
IN TAPE & REEL
APPLICATIONS
s
POWER MANAGEMENT IN PORTABLE
EQUIPMENTS
s
SWITCHING REGULATOR IN BATTERY
CHARGER APPLICATIONS
DESCRIPTION
The device is manufactured in low voltage PNP
Planar Technology by using a "Base Island"
layout.
The resulting Transistor shows exceptional high
gain
performance
coupled
with
very
low
saturation voltage.
®
INTERNAL SCHEMATIC DIAGRAM
July 2002
SOT23-6L
(TSOP6)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
-30
V
VCEO
Collector-Emitter Voltage (IB = 0)
-30
V
VEBO
Emitter-Base Voltage (IC = 0)
-5
V
IC
Collector Current
-3
A
ICM
Collector Peak Current
-6
A
IB
Base Current
-0.2
A
IBM
Base Peak Current
-0.5
A
Ptot
Total Dissipation at TC = 25
oC
1.2
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
Type
Marking
STT818B
818B
1/5


Similar Part No. - STT818B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STT818B STMICROELECTRONICS-STT818B Datasheet
147Kb / 10P
High gain low voltage PNP power transistor
08-Aug-2007
STT818B STMICROELECTRONICS-STT818B_07 Datasheet
147Kb / 10P
High gain low voltage PNP power transistor
08-Aug-2007
More results

Similar Description - STT818B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STT818A STMICROELECTRONICS-STT818A Datasheet
87Kb / 6P
HIGH GAIN LOW VOLTAGE PNP POWER TRANSISTOR
Feb-2001
2STF2220 STMICROELECTRONICS-2STF2220 Datasheet
230Kb / 11P
High Gain Low Voltage PNP Power Transistor
27-Sep-2006
2STX2220 STMICROELECTRONICS-2STX2220 Datasheet
235Kb / 11P
High Gain Low Voltage PNP Power Transistor
25-Sep-2006
STT818B STMICROELECTRONICS-STT818B_07 Datasheet
147Kb / 10P
High gain low voltage PNP power transistor
08-Aug-2007
2STF2220 STMICROELECTRONICS-2STF2220_07 Datasheet
242Kb / 11P
High gain Low Voltage PNP power transistor
18-Sep-2007
logo
Diodes Incorporated
ZXTP2009Z DIODES-ZXTP2009Z Datasheet
132Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR
JUNE 2005
logo
STMicroelectronics
3STL2540 STMICROELECTRONICS-3STL2540 Datasheet
235Kb / 11P
Low voltage high performance PNP power transistor
22-May-2012
logo
Diodes Incorporated
FZT788B DIODES-FZT788B_16 Datasheet
950Kb / 7P
15V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 4
FZT796A DIODES-FZT796A_16 Datasheet
801Kb / 7P
200V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 4
FZT1149A DIODES-FZT1149A_16 Datasheet
566Kb / 7P
25V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com