Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA1206DI Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTA1206DI
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA1206DI Datasheet(HTML) 1 Page - STMicroelectronics

  STTA1206DI Datasheet HTML 1Page - STMicroelectronics STTA1206DI Datasheet HTML 2Page - STMicroelectronics STTA1206DI Datasheet HTML 3Page - STMicroelectronics STTA1206DI Datasheet HTML 4Page - STMicroelectronics STTA1206DI Datasheet HTML 5Page - STMicroelectronics STTA1206DI Datasheet HTML 6Page - STMicroelectronics STTA1206DI Datasheet HTML 7Page - STMicroelectronics STTA1206DI Datasheet HTML 8Page - STMicroelectronics STTA1206DI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
May 2002 - Ed: 5B
s
SPECIFIC
TO
“FREEWHEEL
MODE”
OPERATIONS: FREEWHEEL OR BOOSTER
DIODE.
s
ULTRA-FAST AND SOFT RECOVERY.
s
VERY LOW OVERALL POWER LOSSES IN
BOTH THE DIODE AND THE COMPANION
TRANSISTOR.
s
HIGH FREQUENCY OPERATIONS.
s
INSULATED PACKAGE : TO-220AC
Electrical insulation : 2500VRMS
Capacitance < 7 pF
FEATURES AND BENEFITS
TURBOSWITCH, family, drastically cuts losses in
both the diode and the associated switching IGBT
or MOSFET in all “freewheel mode” operations
and is particularly suitable and efficient in motor
control freewheel applications and in booster
diode
applications
in
power
factor
control
circuitries.
Packaged in TO-220AC, isolated TO-220AC and
D2PAK, these 600V devices are particularly
intended for use on 240V domestic mains.
DESCRIPTION
IF(AV)
12A
VRRM
600V
trr (typ)
28ns
VF (max)
1.5V
MAIN PRODUCT CHARACTERISTICS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
VRSM
Non repetitive peak reverse voltage
600
V
IF(RMS)
RMS forward current
TO-220AC / D2PAK
30
A
TO-220AC ins.
20
A
IFRM
Repetitive peak
forward current
TO-220AC/D2PAK
tp=5
µs F=5kHz
square
160
A
TO-220AC ins.
120
A
IFSM
Surge non repetitive forward current
tp=10 ms sinusoidal
110
A
Tj
Maximum operating junction temperature
150
°C
Tstg
Storage temperature range
-65 to 150
°C
TM : TURBOSWITCH is a trademark of STMicroelectronics
ABSOLUTE RATINGS (limiting values)
STTA1206D/DI/G
®
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
K
A
K
TO-220AC
STTA1206D
A
K
Insulated
TO-220AC
STTA1206DI
A
NC
K
D
2PAK
STTA1206G


Similar Part No. - STTA1206DI

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STTA1206D ISC-STTA1206D Datasheet
226Kb / 2P
Ultra fast Rectifier
More results

Similar Description - STTA1206DI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA112U STMICROELECTRONICS-STTA112U Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA1212D STMICROELECTRONICS-STTA1212D Datasheet
67Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA2006P STMICROELECTRONICS-STTA2006P Datasheet
71Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA212S STMICROELECTRONICS-STTA212S Datasheet
72Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA3006P STMICROELECTRONICS-STTA3006P Datasheet
82Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA406 STMICROELECTRONICS-STTA406 Datasheet
53Kb / 5P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA6006P STMICROELECTRONICS-STTA6006P Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA806D STMICROELECTRONICS-STTA806D Datasheet
88Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA812D STMICROELECTRONICS-STTA812D Datasheet
91Kb / 10P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA806 STMICROELECTRONICS-STTA806 Datasheet
264Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
May-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com