Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA1206DI Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTA1206DI
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA1206DI Datasheet(HTML) 3 Page - STMicroelectronics

  STTA1206DI Datasheet HTML 1Page - STMicroelectronics STTA1206DI Datasheet HTML 2Page - STMicroelectronics STTA1206DI Datasheet HTML 3Page - STMicroelectronics STTA1206DI Datasheet HTML 4Page - STMicroelectronics STTA1206DI Datasheet HTML 5Page - STMicroelectronics STTA1206DI Datasheet HTML 6Page - STMicroelectronics STTA1206DI Datasheet HTML 7Page - STMicroelectronics STTA1206DI Datasheet HTML 8Page - STMicroelectronics STTA1206DI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STTA1206D/DI/G
3/9
P1(W)
0
123
456
78
9
10
11
12
0
5
10
15
20
25
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
IF(av)(A)
T
δ=tp/T
tp
Fig. 1: Conduction losses versus average current.
0.1
1
10
100
200
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
VFM(V)
MAXIMUM VALUES
IFM(A)
Tj=125°C
Fig. 2: Forward voltage drop versus forward
current.
1
0.8
K
0.6
0.4
0.2
0
K=
Zth(j-c) (tp. )
Rth(j-c)
δ
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
tp(s)
T
δ=tp/T
tp
Fig. 3: Relative variation of thermal transient
impedance junction to case versus pulse duration.
0
100
200
300
400
500
600
700
800
900 1000
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
40.0
IRM(A)
VR=400V
90% CONFIDENCE Tj=12° C
IF=12A
IF=6A
IF=24A
dIF/dt(A/µs)
Fig. 4: Peak reverse recovery current versus
dIF/dt.
0
100
200
300
400
500
600
700
800
900 1000
0
20
40
60
80
100
120
140
160
180
200
220
trr(ns)
VR=400V
90% CONFIDENCE Tj=125°C
IF=12A
IF=6A
IF=24A
dIF/dt(A/µs)
Fig. 5: Reverse recovery time versus dIF/dt.
0
100
200
300
400
500
600
700
800
900 1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
S factor
VR=400V
IF<2xIF(av)
Typical values Tj=125°C
dIF/dt(A/µs)
Fig. 6: Softness factor (tb/ta) versus dIF/dt.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com