Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJK0328DPB-00-J0 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK0328DPB-00-J0
Description  Silicon N Channel Power MOS FET Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0328DPB-00-J0 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK0328DPB-00-J0 Datasheet HTML 1Page - Renesas Technology Corp RJK0328DPB-00-J0 Datasheet HTML 2Page - Renesas Technology Corp RJK0328DPB-00-J0 Datasheet HTML 3Page - Renesas Technology Corp RJK0328DPB-00-J0 Datasheet HTML 4Page - Renesas Technology Corp RJK0328DPB-00-J0 Datasheet HTML 5Page - Renesas Technology Corp RJK0328DPB-00-J0 Datasheet HTML 6Page - Renesas Technology Corp RJK0328DPB-00-J0 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REJ03G1637-0400 Rev.4.00 Apr 10, 2008
Page 1 of 6
RJK0328DPB
Silicon N Channel Power MOS FET
Power Switching
REJ03G1637-0400
Rev.4.00
Apr 10, 2008
Features
• High speed switching
• Capable of 4.5 V gate drive
• Low drive current
• High density mounting
• Low on-resistance
RDS(on) = 1.6 mΩ typ. (at VGS = 10 V)
• Pb-free
Outline
RENESAS Package code: PTZZ0005DA-A
(Package name: LFPAK)
G
D
SSS
4
1 23
5
1, 2, 3
Source
4
Gate
5
Drain
1 2
3 4
5
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
30
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
60
A
Drain peak current
ID(pulse)
Note1
240
A
Body-drain diode reverse drain current
IDR
60
A
Avalanche current
IAP
Note 2
30
A
Avalanche energy
EAR
Note 2
90
mJ
Channel dissipation
Pch
Note3
65
W
Channel to Case Thermal Resistance
θch-C
1.93
°C/W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Tch = 25
°C, Rg ≥ 50 Ω
3. Tc = 25
°C


Similar Part No. - RJK0328DPB-00-J0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0328DPB-01 RENESAS-RJK0328DPB-01 Datasheet
87Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK0328DPB-01 RENESAS-RJK0328DPB-01_15 Datasheet
95Kb / 7P
Silicon N Channel Power MOS FET
More results

Similar Description - RJK0328DPB-00-J0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK0301DPB RENESAS-RJK0301DPB Datasheet
83Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK0302DPB RENESAS-RJK0302DPB Datasheet
117Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK0303DPB RENESAS-RJK0303DPB Datasheet
123Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK0348DSP RENESAS-RJK0348DSP Datasheet
112Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK0353DSP RENESAS-RJK0353DSP Datasheet
111Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK0355DPA RENESAS-RJK0355DPA Datasheet
106Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK0366DPA RENESAS-RJK0366DPA Datasheet
106Kb / 7P
Silicon N Channel Power MOS FET Power Switching
HAT2266H RENESAS-HAT2266H Datasheet
95Kb / 8P
Silicon N Channel Power MOS FET Power Switching
HAT2201WP RENESAS-HAT2201WP Datasheet
112Kb / 8P
Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com