Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJK0328DPB-00-J0 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK0328DPB-00-J0
Description  Silicon N Channel Power MOS FET Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0328DPB-00-J0 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK0328DPB-00-J0 Datasheet HTML 1Page - Renesas Technology Corp RJK0328DPB-00-J0 Datasheet HTML 2Page - Renesas Technology Corp RJK0328DPB-00-J0 Datasheet HTML 3Page - Renesas Technology Corp RJK0328DPB-00-J0 Datasheet HTML 4Page - Renesas Technology Corp RJK0328DPB-00-J0 Datasheet HTML 5Page - Renesas Technology Corp RJK0328DPB-00-J0 Datasheet HTML 6Page - Renesas Technology Corp RJK0328DPB-00-J0 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJK0328DPB
REJ03G1637-0400 Rev.4.00 Apr 10, 2008
Page 2 of 6
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
30
—
—
V
ID = 10 mA, VGS = 0
Gate to source leak current
IGSS
—
—
±0.1
µA
VGS =
±20 V, VDS = 0
Zero gate voltage drain current
IDSS
—
—
1
µA
VDS = 30 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.2
—
2.5
V
VDS = 10 V, ID = 1 mA
RDS(on)
—
1.6
2.1
m
Ω
ID = 30 A, VGS = 10 V
Note4
Static drain to source on state
resistance
RDS(on)
—
2.1
2.9
m
Ω
ID = 30 A, VGS = 4.5 V
Note4
Forward transfer admittance
|yfs|
—
100
—
S
ID = 30 A, VDS = 10 V
Note4
Input capacitance
Ciss
—
6380
—
pF
Output capacitance
Coss
—
1150
—
pF
Reverse transfer capacitance
Crss
—
330
—
pF
VDS = 10 V, VGS = 0,
f = 1 MHz
Gate Resistance
Rg
—
0.7
—
Ω
Total gate charge
Qg
—
42
—
nC
Gate to source charge
Qgs
—
15
—
nC
Gate to drain charge
Qgd
—
8.8
—
nC
VDD = 10 V, VGS = 4.5 V,
ID = 60 A
Turn-on delay time
td(on)
—
9.4
—
ns
Rise time
tr
—
4.3
—
ns
Turn-off delay time
td(off)
—
61.5
—
ns
Fall time
tf
—
7.3
—
ns
VGS = 10 V, ID = 30 A,
VDD
≅ 10 V, RL = 0.33 Ω,
Rg = 4.7
Ω
Body–drain diode forward voltage
VDF
—
0.78
1.02
V
IF = 60 A, VGS = 0
Note4
Body–drain diode reverse recovery
time
trr
—
42
—
ns
IF = 60 A, VGS = 0
diF/ dt = 100 A/
µs
Body–drain diode reverse recovery
charge
Qrr
—
46
—
nC
Notes: 4. Pulse test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com