Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38268ECFS Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M38268ECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38268ECFS Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M38268ECFS Datasheet HTML 10Page - Renesas Technology Corp M38268ECFS Datasheet HTML 11Page - Renesas Technology Corp M38268ECFS Datasheet HTML 12Page - Renesas Technology Corp M38268ECFS Datasheet HTML 13Page - Renesas Technology Corp M38268ECFS Datasheet HTML 14Page - Renesas Technology Corp M38268ECFS Datasheet HTML 15Page - Renesas Technology Corp M38268ECFS Datasheet HTML 16Page - Renesas Technology Corp M38268ECFS Datasheet HTML 17Page - Renesas Technology Corp M38268ECFS Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 14 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
I/O PORTS
Direction Registers
The I/O ports (ports P0, P1, P2, P4, P5, P6, P71–P77) have direc-
tion registers. Ports P16, P17, P4, P5, P6, and P71–P77 can be set
to input mode or output mode by each pin individually. P00–P07
and P10-P15 are respectively set to input mode or output mode in
a lump by bit 0 of the direction registers of ports P0 and P1 (see
Figure 11).
When “0” is set to the bit corresponding to a pin, that pin becomes
an input mode. When “1” is set to that bit, that pin becomes an
output mode.
If data is read from a port set to output mode, the value of the port
latch is read, not the value of the pin itself. A port set to input mode
is floating. If data is read from a port set to input mode, the value
of the pin itself is read. If a pin set to input mode is written to, only
the port latch is written to and the pin remains floating.
Port P3 Output Control Register
Bit 0 of the port P3 output control register (address 000716) en-
ables control of the output of ports P30–P37.
When the bit is set to “1”, the port output function is valid.
When resetting, bit 0 of the port P3 output control register is set to
“0” (the port output function is invalid) and pulled up.
Fig. 11 Structure of port P0 direction register, port P1 direc-
tion register
Fig. 12 Structure of port P3 output control register
Ports P00 to P07 direction register
0 : Input mode
1 : Output mode
Not used (Undefined at reading)
(If writing to these bits, write “0”.)
Port P0 direction register
(P0D : address 000116)
b7
b0
Note: In ports set to output mode, the pull-up control bit becomes
invalid and pull-up resistor is not connected.
Ports P10 to P15 direction register
0 : Input mode
1 : Output mode
Not used (Undefined at reading)
(If writing to these bits, write “0”.)
Port P16 direction register
Port P17 direction register
0 : Input mode
1 : Output mode
Port P1 direction register
(P1D : address 000316)
b7
b0
Ports P30 to P37 output control bit
0 : Output function is invalid (Pulled up)
1 : Output function is valid (No pull up)
Not used (Undefined at reading)
(If writing to these bits, write “0”.)
Port P3 output control register
(P3C : address 000716)
b7
b0
Note: In pins set to segment output by segment output enable bits
0, 1 (bits 0, 1 of segment output enable register (address
3816)), this bit becomes invalid and pull-up resistor is not
connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com