Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38268ECFS Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # M38268ECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38268ECFS Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button M38268ECFS Datasheet HTML 19Page - Renesas Technology Corp M38268ECFS Datasheet HTML 20Page - Renesas Technology Corp M38268ECFS Datasheet HTML 21Page - Renesas Technology Corp M38268ECFS Datasheet HTML 22Page - Renesas Technology Corp M38268ECFS Datasheet HTML 23Page - Renesas Technology Corp M38268ECFS Datasheet HTML 24Page - Renesas Technology Corp M38268ECFS Datasheet HTML 25Page - Renesas Technology Corp M38268ECFS Datasheet HTML 26Page - Renesas Technology Corp M38268ECFS Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 23 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
Fig. 18 Interrupt control
Fig. 19 Structure of interrupt-related registers
■Notes on interrupts
When setting the followings, the interrupt request bit may be set to
“1”.
•When switching external interrupt active edge
Related register: Interrupt edge selection register (address 3A16)
Timer X mode register (address 2716)
Timer Y mode register (address 2816)
•When switching interrupt sources of an interrupt vector address
where two or more interrupt sources are allocated
Related register: Interrupt source selection bit of AD control reg-
ister (bit 6 of address 3416)
When not requiring for the interrupt occurrence synchronous with
these setting, take the following sequence.
➀Set the corresponding interrupt enable bit to “0” (disabled).
➁Set the interrupt edge select bit (polarity switch bit) or the inter-
rupt source selection bit.
➂Set the corresponding interrupt request bit to “0” after 1 or more
instructions have been executed.
➃Set the corresponding interrupt enable bit to “1” (enabled).
Interrupt request bit
Interrupt enable bit
Interrupt disable flag (I)
BRK instruction
Reset
Interrupt request acceptance
b7
b0
Interrupt edge selection register
INT0 interrupt edge selection bit
INT1 interrupt edge selection bit
INT2 interrupt edge selection bit
Not used (“0” at reading)
(INTEDGE : address 003A16)
Interrupt request register 1
INT0 interrupt request bit
INT1 interrupt request bit
Serial I/O1 receive interrupt request bit
Serial I/O1 transmit interrupt request bit
Timer X interrupt request bit
Timer Y interrupt request bit
Timer 2 interrupt request bit
Timer 3 interrupt request bit
Interrupt control register 1
INT0 interrupt enable bit
INT1 interrupt enable bit
Serial I/O1 receive interrupt enable bit
Serial I/O1 transmit interrupt enable bit
Timer X interrupt enable bit
Timer Y interrupt enable bit
Timer 2 interrupt enable bit
Timer 3 interrupt enable bit
0 : No interrupt request issued
1 : Interrupt request issued
(IREQ1 : address 003C16)
(ICON1 : address 003E16)
Interrupt request register 2
CNTR0 interrupt request bit
CNTR1 interrupt request bit
Timer 1 interrupt request bit
INT2 interrupt request bit
Serial I/O2 interrupt request bit
Key input interrupt request bit
ADT/A/D conversion interrupt request bit
Not used (“0” at reading)
(IREQ2 : address 003D16)
Interrupt control register 2
CNTR0 interrupt enable bit
CNTR1 interrupt enable bit
Timer 1 interrupt enable bit
INT2 interrupt enable bit
Serial I/O2 interrupt enable bit
Key input interrupt enable bit
ADT/A/D conversion interrupt enable bit
Not used (“0” at reading)
(Write “0” to this bit)
0 : Interrupts disabled
1 : Interrupts enabled
(ICON2 : address 003F16)
0 : Falling edge active
1 : Rising edge active
b7
b0
b7
b0
b7
b0
b7
b0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com