Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66014FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M66014FP
Description  16-bit Serial Bus Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66014FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M66014FP Datasheet HTML 1Page - Renesas Technology Corp M66014FP Datasheet HTML 2Page - Renesas Technology Corp M66014FP Datasheet HTML 3Page - Renesas Technology Corp M66014FP Datasheet HTML 4Page - Renesas Technology Corp M66014FP Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
M66014FP
REJ03F0265-0200 Rev.2.00 Mar 18, 2008
Page 4 of 4
Package Dimensions
SOP24-P-300-1.27
—
JEDEC Code
24P2N-B
Plastic 24pin 300mil SOP
Symbol
Min
Nom
Max
A
A2
b
c
D
E
L
L1
y
Dimension in Millimeters
HE
A1
I2
.35
0
0
.18
0
.92
14
.2
5
.82
7
.3
0
.1
0
.8
1
.4
0
.2
0
.02
15
.3
5
.27
1
.12
8
.5
0
.41
1
.62
7
.27
1
.2
0
.1
2
.5
0
.25
0
.12
15
.4
5
.42
8
.7
0
.1
0
b2
0.76
0°
10°
e
e1
24
13
12
1
D
e
F
A
A2
A1
c
e
b2
Detail F
Detail G
z
Z1
x
Z1
0.525
0.675
0.25
z
G
y
b
x
M
—
——
——
—
—
——
—
——
—
——
—
—
—
—
—
—
——
Lead Material
Cu Alloy
Weight(g)
EIAJ Package Code
Recommended Mount Pad



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com