Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66014FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M66014FP
Description  16-bit Serial Bus Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66014FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M66014FP Datasheet HTML 1Page - Renesas Technology Corp M66014FP Datasheet HTML 2Page - Renesas Technology Corp M66014FP Datasheet HTML 3Page - Renesas Technology Corp M66014FP Datasheet HTML 4Page - Renesas Technology Corp M66014FP Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REJ03F0265-0200 Rev.2.00 Mar 18, 2008
Page 1 of 4
M66014FP
16-bit Serial Bus Controller
REJ03F0265-0200
Rev.2.00
Mar 18, 2008
Description
M66014 semiconductor integrated circuit is a serial bus controller. It converts 2-byte parallel data that arrives from
microcomputer into serial and outputs it to serial bus. It also converts serial data input from serial bus into parallel and
outputs it to microcomputer.
The M66014 is used for the extension of microcomputer I/O ports and two-way communication with peripheral
equipment connected with serial buses.
Features
• Compatible with general-purpose 8-bit microprocessor busses
• TTL level input (one microcomputer side)
• Interrupt output
• Schmitt input (RESET, CS, SIN)
• Pin arrangement is fully compatible with M66011FP
• Low power dissipation
• Wide operating temperature range (Ta = –20 to 75°C)
Application
Microcomputer I/O port extension, etc.
Block Diagram
Reset input
Chip select input
Write input
Read input
Clock input
Clock output
Data bus
1
21
22
3
2
23
15
14
4
Xin
Xout
D0
5
D1
6
D2
7
D3
8
D4
9
D5
10
D6
11
D7
8
× 8
8
A1
Timing
control
circuit
Shift register for lower
byte serial output (8 bits)
CLK, LOAD
SRL
CLK
Shift register for upper
byte serial output (8 bits)
Shift register for serial
input (16-bit)
Read
register
CLK, LOAD
SRU
Oscillation
circuit
A0
8
8
RESET
WR
RD
Interrupt output
Shift clock output
Output enable output
Serial data output
Serial data input
20
16
17
19
18
SCLK
INT
SOUT
SIN
OE
CS


Similar Part No. - M66014FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66014FP MITSUBISHI-M66014FP Datasheet
34Kb / 2P
16-BIT SERIAL BUS CONTROLLER
More results

Similar Description - M66014FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66011FP MITSUBISHI-M66011FP Datasheet
96Kb / 12P
SERIAL BUS CONTROLLER
M66014FP MITSUBISHI-M66014FP Datasheet
34Kb / 2P
16-BIT SERIAL BUS CONTROLLER
logo
Texas Instruments
UCC3831 TI-UCC3831 Datasheet
144Kb / 4P
Universal Serial Bus Power Controller
UCC38531 TI-UCC38531 Datasheet
102Kb / 4P
Universal Serial Bus Power Controller
logo
Intel Corporation
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
logo
Texas Instruments
TUSB2136 TI-TUSB2136 Datasheet
187Kb / 50P
UNIVERSAL SERIAL BUS KEYBOARD HUB CONTROLLER
logo
NEC
UPD72012 NEC-UPD72012 Datasheet
414Kb / 36P
HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
logo
Renesas Technology Corp
M66011FP RENESAS-M66011FP Datasheet
2Mb / 13P
SERIAL BUS CONTROLLER
logo
Texas Instruments
UCC3831 TI1-UCC3831_08 Datasheet
171Kb / 5P
Universal Serial Bus Power Controller
UCC38531 TI1-UCC38531_08 Datasheet
128Kb / 5P
Universal Serial Bus Power Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com