Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66238FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M66238FP
Description  Standard Clock Generator with PLL Frequency Synthesizer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66238FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M66238FP Datasheet HTML 7Page - Renesas Technology Corp M66238FP Datasheet HTML 8Page - Renesas Technology Corp M66238FP Datasheet HTML 9Page - Renesas Technology Corp M66238FP Datasheet HTML 10Page - Renesas Technology Corp M66238FP Datasheet HTML 11Page - Renesas Technology Corp M66238FP Datasheet HTML 12Page - Renesas Technology Corp M66238FP Datasheet HTML 13Page - Renesas Technology Corp M66238FP Datasheet HTML 14Page - Renesas Technology Corp M66238FP Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
M66238FP
REJ03F0268-0200 Rev.2.00 Mar 18, 2008
Page 13 of 14
Application Circuit Example
Digital power supply
Programmable
Interface
30 pF
30 pF
Crystal
oscillator
Digital GND
NC
NC
Analog power supply
Analog GND
Programmable
Interface
7.5 k
Ω
2 k
Ω
1.2 k
Ω
0.015
µF
NC
1 M
Ω
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com