Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66288FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M66288FP
Description  262144-word x 8-bit x 3-FIFO MEMORY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66288FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M66288FP Datasheet HTML 9Page - Renesas Technology Corp M66288FP Datasheet HTML 10Page - Renesas Technology Corp M66288FP Datasheet HTML 11Page - Renesas Technology Corp M66288FP Datasheet HTML 12Page - Renesas Technology Corp M66288FP Datasheet HTML 13Page - Renesas Technology Corp M66288FP Datasheet HTML 14Page - Renesas Technology Corp M66288FP Datasheet HTML 15Page - Renesas Technology Corp M66288FP Datasheet HTML 16Page - Renesas Technology Corp M66288FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
M66288FP
REJ03F0156-0310 Rev.3.10 Apr.04.2008
Page 13 of 23
Timing Requirements
(Ta = 0 ~ 70°C, Vcc18 = 1.8 ± 0.18 V, VccIO = 3.3 ± 0.3 V, GND = 0 V, unless otherwise noted)
Symbol
Parameter
Limits
Unit
Min.
Typ.
Max.
t WCK
Write clock (WCK) cycle
12.5
ns
t WCKH
Write clock (WCK) "H" pulse width
5
ns
t WCKL
Write clock (WCK) "L" pulse width
5
ns
t RCK
Read clock (RCK) cycle
12.5
ns
t RCKH
Read clock (RCK) "H" pulse width
5
ns
t RCKL
Read clock (RCK) "L" pulse width
5
ns
t DS
Input data setup time to WCK
3.5
ns
t DH
Input data hold time to WCK
1
ns
t RESS
Reset setup time to WCK or RCK
3.5
ns
t RESH
Reset hold time to WCK or RCK
1
ns
t NRESS
Reset non-select setup time to WCK or RCK
3.5
ns
t NRESH
Reset non-select hold time to WCK or RCK
1
ns
t WES
Write enable setup time to WCK
3.5
ns
t WEH
Write enable hold time to WCK
1
ns
t NWES
Write enable non-select setup time to WCK
3.5
ns
t NWEH
Write enable non-select hold time to WCK
1
ns
t RES
Read enable setup time to RCK
3.5
ns
t REH
Read enable hold time to RCK
1
ns
t NRES
Read enable non-select setup time to RCK
3.5
ns
t NREH
Read enable non-select hold time to RCK
1
ns
t r, t f
Input pulse rise / fall time
3
ns
Switching Characteristics
(Ta = 0 ~ 70°C, Vcc18 = 1.8 ± 0.18 V, VccIO = 3.3 ± 0.3 V, GND = 0 V, unless otherwise noted)
Symbol
Parameter
Limits
Unit
Min.
Typ.
Max.
t AC
Output access time to RCK
9
ns
t OH
Output hold
time to RCK
2
ns
t OEN
Output enable time to RCK
2
9
ns
t ODIS
Output disable time to RCK
2
9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com