Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66288FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M66288FP
Description  262144-word x 8-bit x 3-FIFO MEMORY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66288FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M66288FP Datasheet HTML 1Page - Renesas Technology Corp M66288FP Datasheet HTML 2Page - Renesas Technology Corp M66288FP Datasheet HTML 3Page - Renesas Technology Corp M66288FP Datasheet HTML 4Page - Renesas Technology Corp M66288FP Datasheet HTML 5Page - Renesas Technology Corp M66288FP Datasheet HTML 6Page - Renesas Technology Corp M66288FP Datasheet HTML 7Page - Renesas Technology Corp M66288FP Datasheet HTML 8Page - Renesas Technology Corp M66288FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
M66288FP
REJ03F0156-0310 Rev.3.10 Apr.04.2008
Page 2 of 23
Mode Descriptions Drawing
1K-word = 1024-word
Note1: Write and read operation of FIFO after the 2nd line is controlled by the read system pin of the 1st line FIFO.
Maximum number of words on this mode is 256K-word. Line delay is achieved without outer connection.
Note2: Please refer to pin assignment tables in “Operation Description” of Mode 4, Mode 5, and Mode 8 for assignment of external pins,
Dx<11:0> and Qx<11:0> when used in 12-bit bus interface.
256K-word
8-bit bus I/F
12-bit bus I/F
MODE 1
MODE 2
MODE 3
MODE 4
MODE 5
8
DA<7:0>
WCKA
WRESA
WEA
8
256K-w
x
8-bit
FIFO
QA<7:0>
RCKA
RRESA
REA
8
DB<7:0>
WCKB
WRESB
WEB
8
QB<7:0>
RCKB
RRESB
REB
256K-w
x
8-bit
FIFO
8
DC<7:0>
WCKC
WRESC
WEC
8
QC<7:0>
RCKC
RRESC
REC
256K-w
x
8-bit
FIFO
8
8
8
8
8
8
256K-w
x
8-bit
FIFO
256K-w
x
8-bit
FIFO
256K-w
x
8-bit
FIFO
DA<7:0>
WCKA
WRESA
WEA
QB<7:0>
QC<7:0>
QA<7:0>
RCKA
RRESA
REA
8
8
8
8
256K-w
x
8-bit
FIFO
256K-w
x
8-bit
FIFO
8
8
256K-w
x
8-bit
FIFO
DA<7:0>
WCKA
WRESA
WEA
QA<7:0>
RCKA
RRESA
REA
QB<7:0>
QC<7:0>
RCKC
RRESC
REC
DC<7:0>
WCKC
WRESC
WEC
12
256K-w
x
12-bit
FIFO
12
DA<11:0>
WCKA
WRESA
WEA
QA<11:0>
RCKA
RRESA
REA
DB<11:0>
WCKB
WRESB
WEB
QB<11:0>
RCKB
RRESB
REB
12
256K-w
x
12-bit
FIFO
12
12
256K-w
x
12-bit
FIFO
256K-w
x
12-bit
FIFO
12
12
12
DA<11:0>
WCKA
WRESA
WEA
QA<11:0>
RCKA
RRESA
REA
QB<11:0>
The three pieces of 256K-word x
8-bit FIFO can be operated
completely independently.
The three pieces of 256K-word x
8-bit FIFO are cascade-connected.
(Note 1)
The two pieces of 256K-word x
8-bit FIFO are cascade-connected
and, a piece of 256K-word x 8-bit
FIFO can be operated completely
independently. (Note 1)
The two pieces of 256K-word x
12-bit FIFO can be operated
completely independently.
(Note 2)
The two pieces of 256K-word x
12-bit FIFO are cascade-connected
(Note 1, Note 2)
3-system individual input
1-system input
(1) 1-system input
(2) 1-system input
2-system individual input.
1-system input
3-system individual output
The simultaneous output of the
1, 2, 3 line delay data.
(1) The simultaneous output of the
1, 2 line delay data.
(2) 1-system output
2-system individual output.
The simultaneous output of the
1, 2 line delay data.
768K-word
512K-word & 256K-word
512K-word
8-bit bus I/F
12-bit bus I/F
MODE 6
MODE 7
MODE 8
8
768K-w
x
8-bit
FIFO
8
DA<7:0>
WCKA
WRESA
WEA
QA<7:0>
RCKA
RRESA
REA
8
512K-w
x
8-bit
FIFO
8
DA<7:0>
WCKA
WRESA
WEA
QA<7:0>
RCKA
RRESA
REA
8
256K-w
x
8-bit
FIFO
8
DC<7:0>
WCKC
WRESC
WEC
QC<7:0>
RCKC
RRESC
REC
12
512K-w
x
12-bit
FIFO
12
DA<11:0>
WCKA
WRESA
WEA
QA<11:0>
RCKA
RRESA
REA
A piece of 768K-word x 8-bit
FIFO can be operated completely
independently.
A piece of 512K-word x 8-bit FIFO
and a piece of 256K-word x 8-bit
FIFO can be operated completely
independently.
A piece of 512K-word x 12-bit
FIFO can be operated completely
independently. (Note 2)
1-system input
2-system individual input
1-system input
1-system output
2-system individual output
1-system output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com