Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA3006CP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTA3006CP
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA3006CP Datasheet(HTML) 1 Page - STMicroelectronics

  STTA3006CP Datasheet HTML 1Page - STMicroelectronics STTA3006CP Datasheet HTML 2Page - STMicroelectronics STTA3006CP Datasheet HTML 3Page - STMicroelectronics STTA3006CP Datasheet HTML 4Page - STMicroelectronics STTA3006CP Datasheet HTML 5Page - STMicroelectronics STTA3006CP Datasheet HTML 6Page - STMicroelectronics STTA3006CP Datasheet HTML 7Page - STMicroelectronics STTA3006CP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPECIFICTO ”FREEWHEEL MODE” OPERATIONS:
FREEWHEEL OR BOOSTER DIODE.
ULTRA-FAST AND SOFT RECOVERY.
VERY LOW OVERALL POWER LOSSES IN
BOTH THE DIODE AND THE COMPANION
TRANSISTOR.
HIGH FREQUENCY OPERATIONS.
FEATURES AND BENEFITS
The TURBOSWITCH is a very high performance
series of ultra-fast high voltage power diodes from
600V to 1200V.
TURBOSWITCH family, drastically cuts losses in
both the diode and the associated switching IGBT
or MOSFET in all ”freewheel mode” operations
and is particularly suitable and efficient in motor
control freewheel applicationsand in booster diode
applications in power factor control circuitries.
Packaged either in TO-247 or SOT93, these 600V
devices are particularly intended for use on 240V
domestic mains.
DESCRIPTION
IF(AV)
2 x 15A
VRRM
600V
trr (typ)
35ns
VF (max)
1.6V
MAIN PRODUCT CHARACTERISTICS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
VRSM
Non repetitive peak reverse voltage
600
V
IF(RMS)
RMS forward current
30
A
IFRM
Repetitive peak forward current
tp = 5
µs F = 5kHz square
200
A
IFSM
Surge non repetitive forward current
tp=10 ms sinusoidal
230
A
Tj
Maximum operating junction temperature
150
°C
Tstg
Storage temperature range
-65 to 150
°C
TM : TURBOSWITCH is a trademark of STMicroelectronics
ABSOLUTE RATINGS (limiting values, per diode)
STTA3006CW/CP
®
TURBOSWITCH
™ ULTRA-FAST HIGH VOLTAGE DIODES
A1
A2
K
TO-247
STTA3006CW
A1
A2
K
November 1999 Ed : 4B
A1
A2
K
SOT93
STTA3006CP
1/8


Similar Part No. - STTA3006CP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA3006P STMICROELECTRONICS-STTA3006P Datasheet
82Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA3006PI STMICROELECTRONICS-STTA3006PI Datasheet
82Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
More results

Similar Description - STTA3006CP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA112U STMICROELECTRONICS-STTA112U Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA1212D STMICROELECTRONICS-STTA1212D Datasheet
67Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA2006P STMICROELECTRONICS-STTA2006P Datasheet
71Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA212S STMICROELECTRONICS-STTA212S Datasheet
72Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA3006P STMICROELECTRONICS-STTA3006P Datasheet
82Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA406 STMICROELECTRONICS-STTA406 Datasheet
53Kb / 5P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA6006P STMICROELECTRONICS-STTA6006P Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA806D STMICROELECTRONICS-STTA806D Datasheet
88Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA812D STMICROELECTRONICS-STTA812D Datasheet
91Kb / 10P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA806 STMICROELECTRONICS-STTA806 Datasheet
264Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
May-2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com