Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA3006CP Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTA3006CP
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA3006CP Datasheet(HTML) 3 Page - STMicroelectronics

  STTA3006CP Datasheet HTML 1Page - STMicroelectronics STTA3006CP Datasheet HTML 2Page - STMicroelectronics STTA3006CP Datasheet HTML 3Page - STMicroelectronics STTA3006CP Datasheet HTML 4Page - STMicroelectronics STTA3006CP Datasheet HTML 5Page - STMicroelectronics STTA3006CP Datasheet HTML 6Page - STMicroelectronics STTA3006CP Datasheet HTML 7Page - STMicroelectronics STTA3006CP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
0
2
4
6
8
1012
1416
18
0
5
10
15
20
25
IF(av) (A)
P1(W)
δ =1
δ = 0.5
δ = 0.2
δ = 0.1
T
δ=tp/T
tp
Fig. 1: Conduction losses versus average current.
1E-4
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
K
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
K=
Zth(j-c) (tp, )
δ
Rth(j-c)
tp(s)
T
δ=tp/T
tp
Fig. 3: Relative variation of thermal transient
impedance junction to case versus pulse duration.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1
10
100
200
VFM(V)
Tj=125
°C
IFM(A)
Fig. 2: Forward voltage drop versus forward
current (maximum values).
0
100
200
300
400
500
600
700
800
900
1000
0
5
10
15
20
25
30
35
40
45
IRM(A)
VR=400V
Tj=125
°C
IF=IF(av)
IF=2*IF(av)
IF=0.5*IF(av)
dIF/dt(A/
µs)
Fig. 4: Peak reverse recovery current versus
dIF/dt (90% confidence).
0
100
200
300
400
500
600
700
800
900 1000
0
20
40
60
80
100
120
140
160
180
200
trr(ns)
VR=400V
Tj=125
°C
IF=0.5*IF(av)
IF=2*IF(av)
IF=IF(av)
dIF/dt(A/
µs)
Fig. 5: Reverse recovery time versus dIF/dt (90%
confidence).
S factor
0
100
200
300
400
500
600
700
800
900 1000
0.0
0.2
0.4
0.6
0.8
1.0
dIF/dt(A/
µs)
VR=400V
Tj=125
°C
IF<2*IF(av)
Fig. 6: Softness factor (tb/ta) versus dIF/dt (typical
values).
STTA3006CW/CP
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com