Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA2512 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STTA2512
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA2512 Datasheet(HTML) 9 Page - STMicroelectronics

  STTA2512 Datasheet HTML 1Page - STMicroelectronics STTA2512 Datasheet HTML 2Page - STMicroelectronics STTA2512 Datasheet HTML 3Page - STMicroelectronics STTA2512 Datasheet HTML 4Page - STMicroelectronics STTA2512 Datasheet HTML 5Page - STMicroelectronics STTA2512 Datasheet HTML 6Page - STMicroelectronics STTA2512 Datasheet HTML 7Page - STMicroelectronics STTA2512 Datasheet HTML 8Page - STMicroelectronics STTA2512 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1999 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
PACKAGE MECHANICAL DATA
SOD93
REF.
DIMENSIONS
Millimeters
Inches
Min. Typ. Max. Min. Typ. Max.
A
4.70
4.90 0.185
0.193
C
1.17
1.37 0.046
0.054
D
2.50
0.098
D1
1.27
0.050
E
0.50
0.78 0.020
0.031
F
1.10
1.30 0.043
0.051
F3
1.75
0.069
G
10.80
11.10 0.425
0.437
H
14.70
15.20 0.578
0.598
L
12.20
0.480
L2
16.20
0.638
L3
18.0
0.709
L5
3.95
4.15 0.156
0.163
L6
31.00
1.220
O
4.00
4.10 0.157
0.161
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STTA5012TV1
STTA5012TV1
ISOTOP
27g.
without screws
10
Tube
STTA5012TV2
STTA5012TV2
ISOTOP
10
Tube
STTA2512P
STTA2512P
SOD93
3.79g.
30
Tube
Cooling method: by conduction(C)
ISOTOP recommended torque value: 1.3 N.m. (MAX 1.5 N.m.) for the 6 x M4 screws. (2 x M4 screws
recommended for mounting the package on the heatsink and the 4 screws for terminals).
ISOTOP: the screws supplied with the package are suitable for mounting on a board with a thickness of
0.6 mm min and 2.2 mm max.
Epoxy meets UL94,V0
STTA2512P / STTA5012TV1/2
9/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com