Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA2512 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTA2512
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA2512 Datasheet(HTML) 5 Page - STMicroelectronics

  STTA2512 Datasheet HTML 1Page - STMicroelectronics STTA2512 Datasheet HTML 2Page - STMicroelectronics STTA2512 Datasheet HTML 3Page - STMicroelectronics STTA2512 Datasheet HTML 4Page - STMicroelectronics STTA2512 Datasheet HTML 5Page - STMicroelectronics STTA2512 Datasheet HTML 6Page - STMicroelectronics STTA2512 Datasheet HTML 7Page - STMicroelectronics STTA2512 Datasheet HTML 8Page - STMicroelectronics STTA2512 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Fig. A : ”FREEWHEEL” MODE.
TOTAL LOSSES
due to the diode
P = P1+ P2+ P3+ P4+ P5
Watts
SWITCHING
LOSSES
in the diode
SWITCHING
LOSSES
in the tansistor
due to the diode
CONDUCTION
LOSSES
in the diode
REVERSE
LOSSES
in the diode
The 1200V TURBOSWITCH
series has been
designed to provide the lowest overall power
losses in all high frequency or high pulsed current
operations. In such applications (Fig A to D),the
way of calculating the power losses is given below :
APPLICATION DATA
DIODE:
TURBOSWITCH
IL
LOAD
TRANSISTOR
SWITCHING
tp
T
F= 1/T
δ = tp/T
VR
STTA2512P / STTA5012TV1/2
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com