Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66592FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M66592FP
Description  ASSP (USB2.0 Peripheral Controller)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66592FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M66592FP Datasheet HTML 1Page - Renesas Technology Corp M66592FP Datasheet HTML 2Page - Renesas Technology Corp M66592FP Datasheet HTML 3Page - Renesas Technology Corp M66592FP Datasheet HTML 4Page - Renesas Technology Corp M66592FP Datasheet HTML 5Page - Renesas Technology Corp M66592FP Datasheet HTML 6Page - Renesas Technology Corp M66592FP Datasheet HTML 7Page - Renesas Technology Corp M66592FP Datasheet HTML 8Page - Renesas Technology Corp M66592FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 127 page
background image
M66592F P/W G
Rev 1.00 2004.10.01 page 2 of 125
1.2.5
Bus interfaces
♦ The user can select either a 1.8 V or 3.3 V bus interface power supply
♦ 16-bit CPU bus interface
• 16-bit separate bus and 16-bit multiplex bus supported
• 8-bit and 16-bit DMA interface (slave function) supported
♦ 8-bit split bus (dedicated external DMA interface) supported
♦ DMA interface has two channels built into it.
♦ DMA transfer enables high-speed access of 40 MB/sec.
1.2.6
Pipe configuration
♦ Internal 5 KB buffer memory for USB communication built in
♦ Up to 8 pipes(endpoints) can be selected (including the default control pipe for endpoint 0)
♦ Programmable pipe configuration
♦ End point numbers can be assigned flexibly to PIPE1to PIPE7.
♦ Transfer conditions that can be set for theeach pipe
• Pipe 0: Control transfer, continuous transfer mode, 256-byte fixed single buffer
• PIPE1 and PIPE2: Bulk transfer / isochronous transfer, continuous transfer mode, programmable buffer size
(up to 2 KB; double buffer can be specified)
• PIPE 3 to PIPE5: Bulk transfer, continuous transfer mode, programmable buffer size (up to 2 KB; double buffer
can be specified)
• PIPE6 and PIPE7: Interrupt transfer, 64-byte fixed single buffer
1.2.7
Other functions
♦ Automatic recognition of Hi-Speed operation or Full-Speed operation based on automatic response to the reset
handshake
♦ Byte endian swap function when using 16-bit data transfers
♦ Transaction count function when using DMA transfers
♦ DMA transfer termination function using external trigger (DEND pin)
♦ Control transfer stage control function
♦ Device state control function
♦ Auto response function for SET_ADDRESS request
♦ SOF interpolation function
♦ SOF pulse output function
♦ Three types of input clocks can built into the PLL and are available for selection
• Input clocks of 48 MHz / 24 MHz / 12 MHz can be selected
♦ Zero-Length packet addition function (DEZPM) when ending DMA transfers using the DEND pin
♦ BRDY interrupt event notification timing change function (BFRE)
♦ Function that automatically clears the buffer memory after the data for the pipe specified at the DxFIFO port has
been read (DCLRM)
♦ Function to automatically supply a clock from the low-power sleep state (ATCKM)
♦ NAK setting function for response PID generated by end of transfer (SHTNAK)
♦ NAK response assignment function (NRDY)
1.2.8
Applications
Digital video cameras, digital still cameras, printers, external storage devices, portable information terminals, USB
audio devices
Also: GeneralOrdinary PC peripheral devices equipped with Hi-Speed USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com