Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66592FP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M66592FP
Description  ASSP (USB2.0 Peripheral Controller)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66592FP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M66592FP Datasheet HTML 17Page - Renesas Technology Corp M66592FP Datasheet HTML 18Page - Renesas Technology Corp M66592FP Datasheet HTML 19Page - Renesas Technology Corp M66592FP Datasheet HTML 20Page - Renesas Technology Corp M66592FP Datasheet HTML 21Page - Renesas Technology Corp M66592FP Datasheet HTML 22Page - Renesas Technology Corp M66592FP Datasheet HTML 23Page - Renesas Technology Corp M66592FP Datasheet HTML 24Page - Renesas Technology Corp M66592FP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 127 page
background image
M66592F P/W G
Rev 1.00 2004.10.01 page 21 of 125
2.4.1
USB data bus control
Each bit of the DVSTCTR register can be used to control and confirm the state of the USB data bus based on the
user system.
The WKUP bit handles control of remote wakeup signal output to the USB bus. The controller controls the output
time for remote wakeup signals. 2ms after a software has set “1” for the WKUP bit, the controller outputs a 10 ms
“K-State” then it transfers the bus state to idle. When the bus state is transferred to the idle state, the controller sets
“WKUP=0”.
According to the USB specification, USB idle state must be kept longer than 5ms. Thus if the software set
“WKUP=1” right after detection of Suspend state, the controller will assert “K-State” after 2ms.
2.4.2
Communication speed discrimination
Software is able to confirm the USB speed at which communication is being carried out with the host controller (the
communication bit rate), using the RHST bit.
If Hi-Speed operation has been set to the disabled state (“HSE=0”) by software, the controller immediately
establishes Full-Speed operation (“RHST=10”) after a USB bus reset has been detected, without executing the reset
handshake protocol. If Hi-Speed operation has been set to the enabled state (“HSE=1”), the controller executes the
reset handshake protocol (“RHST=01” during execution of the protocol), and feeds back the execution results to the
RHST
bit (“RHST=11” : Hi-Speed operation, or “RHST=10” : Full-Speed operation).
2.4.3
Test mode
Table 2.4 shows the test mode operation of the controller. The UTST bit of the TESTMODE register controls the USB
test signal output during Hi-Speed operation.
Table 2.4 Test mode operation
Test mode
UTST bit setting
Normal operation
000
Test_J
001
Test_K
010
Test_SE0_NAK
011
Test_Packet
100
Reserved
101-111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com