Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA312B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTA312B
Description  TURBOSWITCHTM ULTRA-FAST HIGH VOLTAGE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA312B Datasheet(HTML) 1 Page - STMicroelectronics

  STTA312B Datasheet HTML 1Page - STMicroelectronics STTA312B Datasheet HTML 2Page - STMicroelectronics STTA312B Datasheet HTML 3Page - STMicroelectronics STTA312B Datasheet HTML 4Page - STMicroelectronics STTA312B Datasheet HTML 5Page - STMicroelectronics STTA312B Datasheet HTML 6Page - STMicroelectronics STTA312B Datasheet HTML 7Page - STMicroelectronics STTA312B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STTA312B
®
November 1999 - Ed: 4A
TURBOSWITCH
TM ULTRA-FAST HIGH VOLTAGE DIODE
IF(AV)
3A
VRRM
1200 V
trr (typ)
65 ns
VF (max)
1.7 V
MAIN PRODUCT CHARACTERISTICS
SPECIFICTO THE FOLLOWING OPERATIONS:
SNUBBING OR CLAMPING, DEMAGNETIZA-
TION AND RECTIFICATION
ULTRA-FAST, SOFT RECOVERY
VERY LOW OVERALL POWER LOSSES AND
PARTICULARY LOW FORWARD VOLTAGE
HIGH FREQUENCY OPERATION
HIGH REVERSE VOLTAGE CAPABILITY
FEATURES AND BENEFITS
TURBOSWITCH 1200V drastically cuts losses in
all high voltage operations which require extremely
fast, soft and noise-free power diodes.
Due to their optimized switching performances
they also highly decrease power losses in any
associated switching IGBT or MOSFET in all
”freewheel mode” operations.
They are particularly suitable in motor control
circuitries, or in primary of SMPS as snubber,
clamping or demagnetizing diodes. They are also
suitablefor the secondary of SMPS as high voltage
rectifier diodes.
DESCRIPTION
DPAK
K
A
NC
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
1200
V
VRSM
Non repetitive peak reverse voltage
1200
V
IF(RMS)
RMS forward current
6
A
IFRM
Repetitive peak forward current
tp = 5
µs F = 5kHz square
35
A
IFSM
Surge non repetitive forward current
tp = 10ms sinusoidal
25
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature
125
°C
ABSOLUTE RATINGS (limiting values)
TURBOSWITCH is a trademark of STMicroelectronics
1/8


Similar Part No. - STTA312B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA3006CP STMICROELECTRONICS-STTA3006CP Datasheet
77Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODES
Nov-1999
STTA3006CW STMICROELECTRONICS-STTA3006CW Datasheet
77Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODES
Nov-1999
STTA3006P STMICROELECTRONICS-STTA3006P Datasheet
82Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA3006PI STMICROELECTRONICS-STTA3006PI Datasheet
82Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA306B STMICROELECTRONICS-STTA306B Datasheet
111Kb / 8P
TURBOSWITCHTM ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
More results

Similar Description - STTA312B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA112U STMICROELECTRONICS-STTA112U Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA1212D STMICROELECTRONICS-STTA1212D Datasheet
67Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA2512P STMICROELECTRONICS-STTA2512P Datasheet
83Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA306B STMICROELECTRONICS-STTA306B Datasheet
111Kb / 8P
TURBOSWITCHTM ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA812D STMICROELECTRONICS-STTA812D Datasheet
91Kb / 10P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA9012TV1 STMICROELECTRONICS-STTA9012TV1 Datasheet
71Kb / 8P
TURBOSWITCHTM ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA806 STMICROELECTRONICS-STTA806 Datasheet
264Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
May-2002
STTB1206D STMICROELECTRONICS-STTB1206D Datasheet
475Kb / 7P
ultra-fast high voltage diode
May-1995
STTB1206G STMICROELECTRONICS-STTB1206G Datasheet
345Kb / 7P
ultra-fast high voltage diode
Sep-1996
STTB1206M STMICROELECTRONICS-STTB1206M Datasheet
344Kb / 7P
ultra-fast high voltage diode
Aug-1993
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com