Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA312B Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTA312B
Description  TURBOSWITCHTM ULTRA-FAST HIGH VOLTAGE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA312B Datasheet(HTML) 3 Page - STMicroelectronics

  STTA312B Datasheet HTML 1Page - STMicroelectronics STTA312B Datasheet HTML 2Page - STMicroelectronics STTA312B Datasheet HTML 3Page - STMicroelectronics STTA312B Datasheet HTML 4Page - STMicroelectronics STTA312B Datasheet HTML 5Page - STMicroelectronics STTA312B Datasheet HTML 6Page - STMicroelectronics STTA312B Datasheet HTML 7Page - STMicroelectronics STTA312B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1
2
3
4
5
6
7
8
IF(av) (A)
P1(W)
δ =1
δ = 0.5
δ = 0.2
δ = 0.1
Fig. 1: Conductionlosses versus average current.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1E-2
1E-1
1E+0
1E+1
3E+1
VFM(V)
IFM(A)
Tj=25
°C
Tj=125
°C
Fig. 2: Forward voltage drop versus forward cur-
rent (maximum values).
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
Fig. 3: Relative variation of thermal impedance
junction to case versus pulse duration.
0
1020
304050
607080
90
100
0
2
4
6
8
10
12
14
dIF/dt(A/
µs)
IRM(A)
VR=600V
Tj=125
°C
IF=2*IF(av)
IF=IF(av)
Fig. 4: Peak reverse recovery current versus dIF/dt
(90% confidence).
0
10203040
50607080
90
100
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
S factor
IF<2*IF(av)
VR=600V
Tj=125
°C
dIF/dt(A/
µs)
Fig. 6: Softness factor tb/ta versus dIF/dt (typical
values).
0
102030405060708090
100
100
200
300
400
500
600
trr(ns)
VR=600V
Tj=125
°C
IF=2*IF(av)
IF=IF(av)
dIF/dt(A/
µs)
Fig. 5: Reverse recovery time versus dIF/dt (90%
confidence).
STTA312B
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com