Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62446AFP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M62446AFP
Description  6ch Electronic Volume with Tone Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62446AFP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M62446AFP Datasheet HTML 9Page - Renesas Technology Corp M62446AFP Datasheet HTML 10Page - Renesas Technology Corp M62446AFP Datasheet HTML 11Page - Renesas Technology Corp M62446AFP Datasheet HTML 12Page - Renesas Technology Corp M62446AFP Datasheet HTML 13Page - Renesas Technology Corp M62446AFP Datasheet HTML 14Page - Renesas Technology Corp M62446AFP Datasheet HTML 15Page - Renesas Technology Corp M62446AFP Datasheet HTML 16Page - Renesas Technology Corp M62446AFP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
M62446AFP
REJ03F0212-0201 Rev.2.01 Mar 31, 2008
Page 13 of 18
Electrical Characteristics
(Ta = 25
°C, AVDD/AVSS/DVDD = 7/–7 V/5 V, f = 1 kHz, unless otherwise noted.
Rg = 1 k
Ω, RL = 10 kΩ, TONE CONTROL • VOL are set to 0 dB/FLAT.)
(1) Power Supply Characteristics
Limits
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Analog positive circuit current
Aldd
—
22
35
mA
Current at pin 5
No signal
Analog negative circuit current
Alss
—
22
35
mA
Current at pin 30
No signal
Digital circuit current
Dldd
—
1.0
2.0
mA
Current at pin 42
No signal
(2) Input/Output Characteristics
Limits
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Input resistance
Ri
35
70
150
k
Ω
13, 15, 16, 17, 27, 29 pin
Maximum output voltage
VOM
3.0
4.2
—
Vrms
6, 8, 9, 11, 13, 15, 16, 17 pin INPUT
31 to 36 pin OUTPUT
THD = 1%
Pass gain
Gv
–2.0
0
2.0
dB
Vi = 0.2 Vrms, FLAT
8, 9, 11, 13, 15, 16, 17 pin INPUT
31 to 36 pin OUTPUT
Distortion
THD
—
0.002
0.09
%
BW = 400 to 30 kHz
Vi = 0.2 Vrms, RL = 10 k
Ω
Vn (VOL)
—
1.5
6
µVrms 31 to 36 pin, Rg = 0 kΩ, JIS-A,
VOL = 0 dB
Output noise voltage
Vn (tone)
—
5
20
µVrms 31, 32 pin
JIS-A, VOL = 0 dB
Maximum attenuation
ATTmax
—
–100
–95
dB
31 to 36 pin
JIS-A, VOL = –
∞ dB
Volume gain between
channels
Dvol
–1.5
0
1.5
dB
Crosstalk between
channels
CT
—
–80
–65
dB
Vo = 0.5 Vrms, RL = 10 k
Ω, JIS-A,
Rg = 1 k
Ω
Port output current
IL
0.2
—
—
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com