Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62463AFP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M62463AFP
Description  Dolby Pro Logic Surround Decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62463AFP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M62463AFP Datasheet HTML 9Page - Renesas Technology Corp M62463AFP Datasheet HTML 10Page - Renesas Technology Corp M62463AFP Datasheet HTML 11Page - Renesas Technology Corp M62463AFP Datasheet HTML 12Page - Renesas Technology Corp M62463AFP Datasheet HTML 13Page - Renesas Technology Corp M62463AFP Datasheet HTML 14Page - Renesas Technology Corp M62463AFP Datasheet HTML 15Page - Renesas Technology Corp M62463AFP Datasheet HTML 16Page - Renesas Technology Corp M62463AFP Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
M62463AFP
REJ03F0275-0200 Rev.2.00 Jun 16, 2008
Page 13 of 16
(2) Space surround mode
−2.5 dB
−5.1 dB
−5.1 dB
0 dB
SW4
SW3
2
3
0 dB
0 dB
Signal level
Vref = 4.5 V
Vref =
2.5 V
Vref = 2.5 V
Sch
LIN
L
− R
(L + R) / 2
RIN
Digital
delay
Modified
BNR
SVOLOUT
Volume (ATT = 0 dB)
Ladder
Buffer
(3) Echo mode
0 dB
0 dB
Signal level
Signal level
Vref = 2.5 V
Vref = 2.5 V
MICIN
MICOUT
Signal level: 0 dB = 300 mVrms (Typ)
Digital
delay
MIC
volume
(ATT = 0 dB)
SW4
4
Notice
Relation AVcc and DVdd at power supply
Digital Vdd must be supplied less than 0.7 seconds from analog Vcc supply.
0.7 s (Min)
AVcc
(AVcc
≥ DVdd)
DVdd
Automatic reset cancel
Internal
reset signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com