Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA506B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTA506B
Description  TURBOSWITCH E ULTRA-FAST HIGH VOLTAGE DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA506B Datasheet(HTML) 1 Page - STMicroelectronics

  STTA506B Datasheet HTML 1Page - STMicroelectronics STTA506B Datasheet HTML 2Page - STMicroelectronics STTA506B Datasheet HTML 3Page - STMicroelectronics STTA506B Datasheet HTML 4Page - STMicroelectronics STTA506B Datasheet HTML 5Page - STMicroelectronics STTA506B Datasheet HTML 6Page - STMicroelectronics STTA506B Datasheet HTML 7Page - STMicroelectronics STTA506B Datasheet HTML 8Page - STMicroelectronics STTA506B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
November 1999 - Ed : 3D
SPECIFICTO”FREEWHEELMODE”OPERATIONS:
FREEWHEEL OR BOOSTER DIODE
ULTRA-FAST AND SOFT RECOVERY
VERY LOW OVERALL POWER LOSSES IN
BOTH THE DIODE AND THE COMPANION
TRANSISTOR
HIGH FREQUENCY OPERATIONS
INSULATED PACKAGE : ISOWATT220AC
Electrical insulation : 2000VDC
Capacitance < 12 pF
FEATURES AND BENEFITS
The TURBOSWITCH is a very high performance
series of ultra-fast high voltage power diodes from
600V to 1200V.
TURBOSWITCH family, drastically cuts losses in
both the diode and the associated switching IGBT
or MOSFET in all ”freewheel mode” operations
and is particularly suitable and efficient in motor
control freewheel applicationsand in booster diode
applications in power factor control circuitries.
Packaged either in TO-220AC, ISOWATT220AC
or in DPAK, these 600V devices are particularly
intended for use on 240V domestic mains.
DESCRIPTION
IF(AV)
5A
VRRM
600V
trr (typ)
20ns
VF (max)
1.5V
MAIN PRODUCTS CHARACTERISTICS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
VRSM
Non repetitive peak reverse voltage
600
V
IF(RMS)
RMS forward current
TO-220AC
ISOWATT220AC
20
A
DPAK
10
A
IFRM
Repetitive peak forward current
tp=5
µs F=5kHzsquare
65
A
IFSM
Surge non repetitive forward current
tp=10 ms sinusoidal
55
A
Tj
Maximum operating junction temperature
150
°C
Tstg
Storage temperature range
-65 to 150
°C
TM : TURBOSWITCH is a trademark of STMicroelectronics
ABSOLUTE RATINGS (limiting values)
STTA506D/F/B
®
TURBOSWITCH
™ ULTRA-FAST HIGH VOLTAGE DIODE
K
K
A
TO-220AC
STTA506D
K
A
ISOWATT220AC
STTA506F
K
A
NC
DPAK
STTA506B
1/10


Similar Part No. - STTA506B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STTA506F ISC-STTA506F Datasheet
286Kb / 2P
Ultrafast Recovery Diode
More results

Similar Description - STTA506B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA112U STMICROELECTRONICS-STTA112U Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA1512P STMICROELECTRONICS-STTA1512P Datasheet
75Kb / 9P
TURBOSWITCH E ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA2006P STMICROELECTRONICS-STTA2006P Datasheet
71Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA212S STMICROELECTRONICS-STTA212S Datasheet
72Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA3006P STMICROELECTRONICS-STTA3006P Datasheet
82Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA406 STMICROELECTRONICS-STTA406 Datasheet
53Kb / 5P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA6006P STMICROELECTRONICS-STTA6006P Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA806D STMICROELECTRONICS-STTA806D Datasheet
88Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA812D STMICROELECTRONICS-STTA812D Datasheet
91Kb / 10P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTB3006P STMICROELECTRONICS-STTB3006P Datasheet
56Kb / 6P
TURBOSWITCH E B. ULTRA-FAST HIGH VOLTAGE DIODE
May-1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com