Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA506B Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTA506B
Description  TURBOSWITCH E ULTRA-FAST HIGH VOLTAGE DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA506B Datasheet(HTML) 3 Page - STMicroelectronics

  STTA506B Datasheet HTML 1Page - STMicroelectronics STTA506B Datasheet HTML 2Page - STMicroelectronics STTA506B Datasheet HTML 3Page - STMicroelectronics STTA506B Datasheet HTML 4Page - STMicroelectronics STTA506B Datasheet HTML 5Page - STMicroelectronics STTA506B Datasheet HTML 6Page - STMicroelectronics STTA506B Datasheet HTML 7Page - STMicroelectronics STTA506B Datasheet HTML 8Page - STMicroelectronics STTA506B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
0
50
100 150 200 250 300 350 400 450 500
0.00
0.50
1.00
1.50
2.00
2.50
P3(W)
Tj=125
°C
F = 10kHz
VR=600V
dIF/dt(A/
µs)
Fig. 1: Switching OFF losses versus dI/dt.
0
25
50
75
100
125
150
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
IRM
S factor
Tj(oC)
Fig. 6: Relative variation of dynamic parameters
versus junction temperature (reference Tj = 125
°C).
0
100 200 300 400 500 600 700 800 900 1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
S factor
dIF/dt(A/ s)
VR= 400V
IF <2xIF(av)
Typical values Tj=125 C
o
Fig. 5: Softness factor (tb/ta) versus dIF/dt.
0
100 200 300 400 500 600 700 800 900 1000
0
20
40
60
80
100
120
140
160
180
trr(ns)
dIF/dt(A/ s)
VR=400V
IF=5A
IF=2.5A
90% CONFIDENCE Tj=125 C
o
IF=10A
Fig. 4: Reverse recovery time versus dIF/dt.
0
100 200 300 400 500 600 700 800 900 1000
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
VR=400V
IF= 5A
IF=2.5A
90% CONFIDENCE Tj=125 C
o
IF=10A
dIF/dt(A/ s)
IRM(A)
Fig. 3: Peak reverse recovery current versus
dIF/dt.
0.1
1
10
100
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
Tj=125 C
o
IFM(A)
MAXIMUM VALUES
VFM(V)
Fig. 2: Forward voltage drop versus forward
current.
STTA506D/F/B
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com