Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA812DI Datasheet(PDF) 10 Page - STMicroelectronics

Part # STTA812DI
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA812DI Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STTA812DI Datasheet HTML 2Page - STMicroelectronics STTA812DI Datasheet HTML 3Page - STMicroelectronics STTA812DI Datasheet HTML 4Page - STMicroelectronics STTA812DI Datasheet HTML 5Page - STMicroelectronics STTA812DI Datasheet HTML 6Page - STMicroelectronics STTA812DI Datasheet HTML 7Page - STMicroelectronics STTA812DI Datasheet HTML 8Page - STMicroelectronics STTA812DI Datasheet HTML 9Page - STMicroelectronics STTA812DI Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PACKAGE DATA
TO-220AC (JEDEC outline)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
H2
10.00
10.40
0.393
0.409
L2
16.40 typ.
0.645 typ.
L4
13.00
14.00
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
Diam. I
3.75
3.85
0.147
0.151
A
C
D
E
M
L7
H2
ØI
L5
L6
L9
L4
G
F1
F
L2
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1999 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STTA812D
STTA812D
TO-220AC
1.86g
50
Tube
STTA812DI
STTA812DI
TO-220AC Ins.
1.86g
250
Box
STTA812G
STTA812G
D
2PAK
1.48g
50
Tube
STTA812G-TR
STTA812G
D
2PAK
1.48g
500
Tape & reel
Epoxy meets UL94,V0
Cooling method: by conduction (C)
Recommended torque value: 0.55 m.N
Maximum torque value: 0.7 m.N
STTA812D/DI/G
10/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com