Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA812DI Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTA812DI
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA812DI Datasheet(HTML) 3 Page - STMicroelectronics

  STTA812DI Datasheet HTML 1Page - STMicroelectronics STTA812DI Datasheet HTML 2Page - STMicroelectronics STTA812DI Datasheet HTML 3Page - STMicroelectronics STTA812DI Datasheet HTML 4Page - STMicroelectronics STTA812DI Datasheet HTML 5Page - STMicroelectronics STTA812DI Datasheet HTML 6Page - STMicroelectronics STTA812DI Datasheet HTML 7Page - STMicroelectronics STTA812DI Datasheet HTML 8Page - STMicroelectronics STTA812DI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
02
468
10
0
2
4
6
8
10
12
14
16
18
20
IF(av) (A)
P1(W)
δ =1
δ = 0.5
δ = 0.2
δ = 0.1
Fig. 1: Conductionlosses versus average current.
0.0
1.0
2.0
3.0
4.0
5.0
0.1
1.0
10.0
100.0
VFM(V)
IFM(A)
Tj=125
°C
Fig. 2: Forward voltage drop versus forward cur-
rent (maximum values).
1E-4
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
Fig. 3: Relative variation of thermal impedance
junction to case versus pulse duration.
0
100
200
300
400
500
0
50
100
150
200
250
300
350
400
450
500
550
dIF/dt(A/
µs)
trr(ns)
VR=600V
Tj=125
°C
IF=2*IF(av)
IF=0.5*IF(av)
IF=IF(av)
Fig. 5: Reverse recovery time versus dIF/dt (90%
confidence).
0
100
200
300
400
500
0.80
1.00
1.20
1.40
S factor
VR=600V
IF<2*IF(av)
Tj=125
°C
dIF/dt(A/
µs)
Fig. 6: Softness factor (tb/ta) versus dIF/dt (typical
values).
0
100
200
300
400
500
0
10
20
30
40
50
dIF/dt(A/
µs)
IRM(A)
VR=600V
Tj=125
°C
IF=2*IF(av)
IF=IF(av)
IF=0.5*IF(av)
Fig. 4:
Peak reverse recovery current versus
dIF/dt (90% confidence).
STTA812D/DI/G
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com