Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404336FS Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # HD404336FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404336FS Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button HD404336FS Datasheet HTML 69Page - Renesas Technology Corp HD404336FS Datasheet HTML 70Page - Renesas Technology Corp HD404336FS Datasheet HTML 71Page - Renesas Technology Corp HD404336FS Datasheet HTML 72Page - Renesas Technology Corp HD404336FS Datasheet HTML 73Page - Renesas Technology Corp HD404336FS Datasheet HTML 74Page - Renesas Technology Corp HD404336FS Datasheet HTML 75Page - Renesas Technology Corp HD404336FS Datasheet HTML 76Page - Renesas Technology Corp HD404336FS Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
HD404339 Series
71
A/D Converter Characteristics (V
CC = 4.0 to 5.5 V, GND = 0 V, Vdisp = V CC – 40 V to VCC, Ta = –20 to
+75
°C, unless otherwise specified)
Item
Symbol
Pins
Min
Typ
Max
Unit
Test Condition
Note
Analog supply
voltage
AV
CC
AV
CC
V
CC – 0.3
V
CC
V
CC + 0.3
V
1
Analog input
voltage
AV
in
AN
0–AN 11
AV
SS
—AV
CC
V
Current flowing
between AV
CC and
AV
SS
I
AD
—
—
200
µAV
CC = AVCC = 5.0 V
Analog input
capacitance
CA
in
AN
0–AN 11
—
—
30
pF
Resolution
8
8
8
Bit
Number of input
channels
0
—
12
Channel
Absolute accuracy
—
—
±2.0
LSB
Conversion time
34
—
67
t
cyc
Input impedance
AN
0–AN 11
1—
—
M
Ω
Note: 1. Connect this to V
CC if the A/D converter is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com