Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404336FS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD404336FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404336FS Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD404336FS Datasheet HTML 1Page - Renesas Technology Corp HD404336FS Datasheet HTML 2Page - Renesas Technology Corp HD404336FS Datasheet HTML 3Page - Renesas Technology Corp HD404336FS Datasheet HTML 4Page - Renesas Technology Corp HD404336FS Datasheet HTML 5Page - Renesas Technology Corp HD404336FS Datasheet HTML 6Page - Renesas Technology Corp HD404336FS Datasheet HTML 7Page - Renesas Technology Corp HD404336FS Datasheet HTML 8Page - Renesas Technology Corp HD404336FS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
HD404339 Series
Rev. 7.0
Sept. 1999
Description
The HD404339 Series is 4-bit HMCS400-Series microcomputer with large-capacity memory designed to
increase program productivity. Each microcomputer has an A/D converter, input capture timer, and a 32-
kHz oscillator circuit for clock use all built in. They also come with high-voltage I/O pins that can directly
drive a fluorescent display.
The HD404339 Series includes six chips: the HD404339 with 16-kword ROM; the HD4043312 with 12-
kword ROM; the HD404338 with 8-kword ROM; the HD404336 with 6-kword ROM; the HD404334 with
4-kword ROM; the HD4074339 with 16-kword PROM.
The HD4074339 is a PROM version ZTAT
™ microcomputer. Programs can be written to the PROM by a
PROM writer, which can dramatically shorten system development periods and smooth the process from
debugging to mass production. (The PROM program specifications are the same as for the 27256.)
ZTAT
™: Zero Turn Around Time ZTAT is a trademark of Hitachi Ltd.
Features
• 54 I/O pins
 One input-only pin
 53 input/output pins: 30 pins are high-voltage pins (40 V, max.)
• On-chip A/D converter (8-bit × 12-channel)
• Three timers
 One event counter input
 One timer output
 One input capture timer
• 8-bit clock-synchronous serial interface (1 channel)
• Alarm output
• Built-in oscillators
 Ceramic or crystal oscillator
 External clock drive is also possible
 Subclock: 32.768-kHz crystal oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com