Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM62V8512CLTS-7SL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HM62V8512CLTS-7SL
Description  4 M SRAM (512-kword 쨈 8-bit)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM62V8512CLTS-7SL Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HM62V8512CLTS-7SL Datasheet HTML 3Page - Renesas Technology Corp HM62V8512CLTS-7SL Datasheet HTML 4Page - Renesas Technology Corp HM62V8512CLTS-7SL Datasheet HTML 5Page - Renesas Technology Corp HM62V8512CLTS-7SL Datasheet HTML 6Page - Renesas Technology Corp HM62V8512CLTS-7SL Datasheet HTML 7Page - Renesas Technology Corp HM62V8512CLTS-7SL Datasheet HTML 8Page - Renesas Technology Corp HM62V8512CLTS-7SL Datasheet HTML 9Page - Renesas Technology Corp HM62V8512CLTS-7SL Datasheet HTML 10Page - Renesas Technology Corp HM62V8512CLTS-7SL Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
HM62V8512CTS Series
5
Function Table
WE
CS
OE
Mode
V
CC current
Dout pin
Ref. cycle
×
H
×
Not selected
I
SB, I SB1
High-Z
—
H
L
H
Output disable
I
CC
High-Z
—
H
L
L
Read
I
CC
Dout
Read cycle
L
L
H
Write
I
CC
Din
Write cycle (1)
L
L
L
Write
I
CC
Din
Write cycle (2)
Note:
×: H or L
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Power supply voltage
V
CC
–0.5 to +4.6
V
Voltage on any pin relative to V
SS
V
T
–0.5*
1 to V
CC + 0.5*
2
V
Power dissipation
P
T
1.0
W
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Storage temperature under bias
Tbias
–20 to +85
°C
Notes: 1. V
T min: –3.0 V for pulse half-width ≤ 30 ns.
2. Maximum voltage is 4.6 V.
Recommended DC Operating Conditions (Ta = –20 to +70
°C)
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
V
CC
2.7
3.0
3.6
V
V
SS
00
0
V
Input high voltage
V
IH
2.0
—
V
CC + 0.3
V
Input low voltage
V
IL
–0.3*
1
—
0.8
V
Note:
1. V
IL min:
–3.0 V for pulse half-width
≤ 30 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com