Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM62V8512CLTS-7SL Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HM62V8512CLTS-7SL
Description  4 M SRAM (512-kword 쨈 8-bit)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM62V8512CLTS-7SL Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HM62V8512CLTS-7SL Datasheet HTML 8Page - Renesas Technology Corp HM62V8512CLTS-7SL Datasheet HTML 9Page - Renesas Technology Corp HM62V8512CLTS-7SL Datasheet HTML 10Page - Renesas Technology Corp HM62V8512CLTS-7SL Datasheet HTML 11Page - Renesas Technology Corp HM62V8512CLTS-7SL Datasheet HTML 12Page - Renesas Technology Corp HM62V8512CLTS-7SL Datasheet HTML 13Page - Renesas Technology Corp HM62V8512CLTS-7SL Datasheet HTML 14Page - Renesas Technology Corp HM62V8512CLTS-7SL Datasheet HTML 15Page - Renesas Technology Corp HM62V8512CLTS-7SL Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
HM62V8512CTS Series
13
Package Dimensions
HM62V8512CLTS Series (TFP-32DC)
Hitachi Code
JEDEC
EIAJ
Mass (reference value)
TFP-32DC
—
—
0.23 g
*Dimension including the plating thickness
Base material dimension
0.10
0.08 M
0.50
8.00
*0.22
± 0.08
13.40
± 0.30
32
116
17
0
° – 5°
8.20 Max
0.43 Max
0.50
± 0.10
0.80
0.20
± 0.06
As of January, 2001
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com