Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH208 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH208
Description  HIGH VOLTAGE ULTRAFAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH208 Datasheet(HTML) 2 Page - STMicroelectronics

  STTH208 Datasheet HTML 1Page - STMicroelectronics STTH208 Datasheet HTML 2Page - STMicroelectronics STTH208 Datasheet HTML 3Page - STMicroelectronics STTH208 Datasheet HTML 4Page - STMicroelectronics STTH208 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STTH208/U
2/5
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
Reverse leakage current
VR = 800V
Tj = 25°C
5
µA
Tj = 125°C
50
VF
Forward voltage drop
IF = 2 A
Tj = 25°C
1.65
V
Tj = 150°C
0.89
1.25
To evaluate the maximum conduction losses use the following equation :
P=1.05xIF(AV) +0.10xIF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth (j-l)
Junction to lead
L = 10 mm
DO-15
40
°C/W
SMB
25
Rth (j-a)
Junction to ambient
L = 10 mm
DO-15
110
THERMAL PARAMETERS
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 0.5 A
Irr = 0.25 A IR =1A
Tj = 25°C
75
ns
tfr
Forward recovery time
IF =2A
dIF/dt = 50 A/µs
VFR =1.1xVF max
Tj = 25°C
200
ns
VFP
Forward recovery voltage
9
V
DYNAMIC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com