Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH208 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH208
Description  HIGH VOLTAGE ULTRAFAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH208 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH208 Datasheet HTML 1Page - STMicroelectronics STTH208 Datasheet HTML 2Page - STMicroelectronics STTH208 Datasheet HTML 3Page - STMicroelectronics STTH208 Datasheet HTML 4Page - STMicroelectronics STTH208 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STTH208/U
3/5
P(W)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
δ = 1
δ = 0.05
δ = 0.5
δ = 0.2
δ = 0.1
I
(A)
F(AV)
T
δ=tp/T
tp
Fig. 1: Conduction losses versus average current.
I
(A)
FM
0.1
1.0
10.0
100.0
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
V
(V)
FM
T =150°C
(maximum values)
j
T =150°C
(typical values)
j
T =25°C
(maximum values)
j
Fig. 2: Forward voltage drop versus forward
current
.
Z/R
th(j-c)
th(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
T
δ=tp/T
tp
t (s)
p
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Fig. 3-1: Relative variation of thermal impedance
junction ambient versus pulse duration (epoxy
FR4, Lleads = 10mm) (DO-15).
Z/R
th(j-c)
th(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
T
δ=tp/T
tp
t (s)
p
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Fig. 3-2: Relative variation of thermal impedance
junction ambient versus pulse duration (epoxy
FR4, S=1cm
2) (SMB).
R
(°C/W)
th(j-a)
0
10
20
30
40
50
60
70
80
90
100
110
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
S(cm²)
DO-15
L
=10mm
leads
SMB
Fig. 4: Thermal resistance junction to ambient
versus copper surface under each lead (epoxy
printed circuit board FR4, copper thickness:
35µm).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com