Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH302 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH302
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH302 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH302 Datasheet HTML 1Page - STMicroelectronics STTH302 Datasheet HTML 2Page - STMicroelectronics STTH302 Datasheet HTML 3Page - STMicroelectronics STTH302 Datasheet HTML 4Page - STMicroelectronics STTH302 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
STTH302
®
November 2001 - Ed: 1A
HIGH EFFICIENCY ULTRAFAST DIODE
DO-201AD
STTH302
s
Very low conduction losses
s
Negligible switching losses
s
Low forward and reverse recovery times
s
High junction temperature
FEATURES AND BENEFITS
The STTH302 which is using ST's new 200V
planar technology, is specially suited for switching
mode base drive & transistor circuits.
The device is also intended for use as a free
wheeling diode in power supplies and other power
switching applications.
DESCRIPTION
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF (AV)
Average forward current
TI = 107°C
δ = 0.5
3A
IFSM
Surge non repetitive forward current
tp = 10ms
Sinusoidal
130
A
Tstg
Storage temperature range
-65to+175
°C
Tj
Maximum operating junction temperature
175
°C
ABSOLUTE RATINGS (limiting values)
IF(AV)
3A
VRRM
200 V
Tj (max)
175 °C
VF (max)
0.75 V
trr (max)
35 ns
MAIN PRODUCT CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-ambient*
25
°C/W
* On infinite heatsink with 10mm lead length.
THERMAL PARAMETERS


Similar Part No. - STTH302

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH302S STMICROELECTRONICS-STTH302S Datasheet
71Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Apr-2002
More results

Similar Description - STTH302

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH102 STMICROELECTRONICS-STTH102 Datasheet
106Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
21-Nov-2006
STTH152 STMICROELECTRONICS-STTH152 Datasheet
42Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH2L06 STMICROELECTRONICS-STTH2L06 Datasheet
86Kb / 8P
HIGH EFFICIENCY ULTRAFAST DIODE
07-Sep-2004
STTH3002C STMICROELECTRONICS-STTH3002C Datasheet
138Kb / 11P
High efficiency ultrafast diode
05-Apr-2006
BYT01-400 STMICROELECTRONICS-BYT01-400_01 Datasheet
47Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
STTH6002C STMICROELECTRONICS-STTH6002C_06 Datasheet
114Kb / 9P
High efficiency ultrafast diode
05-Apr-2006
STTH1302CT STMICROELECTRONICS-STTH1302CT_03 Datasheet
116Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2003
BYT01400 STMICROELECTRONICS-BYT01400 Datasheet
51Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
BYT03-400 STMICROELECTRONICS-BYT03-400 Datasheet
53Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com