Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH302 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH302
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH302 Datasheet(HTML) 2 Page - STMicroelectronics

  STTH302 Datasheet HTML 1Page - STMicroelectronics STTH302 Datasheet HTML 2Page - STMicroelectronics STTH302 Datasheet HTML 3Page - STMicroelectronics STTH302 Datasheet HTML 4Page - STMicroelectronics STTH302 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STTH302
2/5
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR =VRRM
3
µA
Tj = 125°C
475
VF **
Forward voltage drop
Tj = 25°C
IF =3A
0.95
V
Tj = 125°C
0.66
0.75
Pulse test:*tp=5ms,
δ <2%
** tp = 380
µs, δ <2%
To evaluate the maximum conduction losses use the following equations:
P=0.60xIF(AV) + 0.05 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery
time
IF =1A dIF/dt = - 50A/
µs
VR = 30V
Tj = 25°C
35
ns
tfr
Forward recovery
time
IF =3A dIF/dt = 50A/
µs
VFR =1.1xVF max
Tj = 25°C
70
ns
VFP
Forward recovery
voltage
Tj = 25°C
1.6
V
DYNAMIC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com