Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAF1002 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HAF1002
Description  Silicon P Channel MOS FET Series Power Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF1002 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HAF1002 Datasheet HTML 1Page - Renesas Technology Corp HAF1002 Datasheet HTML 2Page - Renesas Technology Corp HAF1002 Datasheet HTML 3Page - Renesas Technology Corp HAF1002 Datasheet HTML 4Page - Renesas Technology Corp HAF1002 Datasheet HTML 5Page - Renesas Technology Corp HAF1002 Datasheet HTML 6Page - Renesas Technology Corp HAF1002 Datasheet HTML 7Page - Renesas Technology Corp HAF1002 Datasheet HTML 8Page - Renesas Technology Corp HAF1002 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.2.00 Sep 07, 2005 page 1 of 8
HAF1002(L), HAF1002(S)
Silicon P Channel MOS FET Series
Power Switching
REJ03G1133-0200
(Previous: ADE-208-586)
Rev.2.00
Sep 07, 2005
Description
This FET has the over temperature shut-down capability sensing to the junction temperature.
This FET has the built-in over temperature shut-down circuit in the gate area. And this circuit operation to shut-down
the gate voltage in case of high junction temperature like applying over power consumption, over current etc.
Features
• Logic level operation (–4 to –6 V Gate drive)
• High endurance capability against to the short circuit
• Built-in the over temperature shut-down circuit
• Latch type shut-down operation (Need 0 voltage recovery)
Outline
RENESAS Package code: PRSS0004AE-A
(Package name: LDPAK (L) )
RENESAS Package code: PRSS0004AE-B
(Package name: LDPAK (S)-(1) )
1. Gate
2. Drain
3. Source
4. Drain
Gate resistor
Tempe-
rature
Sensing
Circuit
Latch
Circuit
Gate
Shut-
down
Circuit
D
S
G
1
2
3
4
1
2
3
4


Similar Part No. - HAF1002

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HAF1002 HITACHI-HAF1002 Datasheet
35Kb / 5P
Silicon P Channel MOS FET Series Power Switching
HAF1002L HITACHI-HAF1002L Datasheet
35Kb / 5P
Silicon P Channel MOS FET Series Power Switching
HAF1002S HITACHI-HAF1002S Datasheet
35Kb / 5P
Silicon P Channel MOS FET Series Power Switching
More results

Similar Description - HAF1002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAF1009 RENESAS-HAF1009 Datasheet
113Kb / 10P
Silicon P Channel MOS FET Series Power Switching
HAF1010RJ RENESAS-HAF1010RJ Datasheet
147Kb / 7P
Silicon P Channel MOS FET Series Power Switching
HAF1001 RENESAS-HAF1001 Datasheet
88Kb / 8P
Silicon P Channel MOS FET Series Power Switching
RJE0616JSP RENESAS-RJE0616JSP Datasheet
99Kb / 8P
Silicon P Channel MOS FET Series Power Switching
RJE0607JSP RENESAS-RJE0607JSP_15 Datasheet
101Kb / 8P
Silicon P Channel MOS FET Series Power Switching
RJE0603JPE RENESAS-RJE0603JPE_15 Datasheet
88Kb / 7P
Silicon P Channel MOS FET Series Power Switching
RJE0601JPE RENESAS-RJE0601JPE_15 Datasheet
91Kb / 7P
Silicon P Channel MOS FET Series Power Switching
RJE0609JPD RENESAS-RJE0609JPD_15 Datasheet
90Kb / 7P
Silicon P Channel MOS FET Series Power Switching
HAF1004 RENESAS-HAF1004_15 Datasheet
138Kb / 12P
Silicon P Channel MOS FET Series Power Switching
HAF1008 RENESAS-HAF1008_15 Datasheet
140Kb / 13P
Silicon P Channel MOS FET Series Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com