Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAF1002 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HAF1002
Description  Silicon P Channel MOS FET Series Power Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF1002 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAF1002 Datasheet HTML 1Page - Renesas Technology Corp HAF1002 Datasheet HTML 2Page - Renesas Technology Corp HAF1002 Datasheet HTML 3Page - Renesas Technology Corp HAF1002 Datasheet HTML 4Page - Renesas Technology Corp HAF1002 Datasheet HTML 5Page - Renesas Technology Corp HAF1002 Datasheet HTML 6Page - Renesas Technology Corp HAF1002 Datasheet HTML 7Page - Renesas Technology Corp HAF1002 Datasheet HTML 8Page - Renesas Technology Corp HAF1002 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HAF1002(L), HAF1002(S)
Rev.2.00 Sep 07, 2005 page 3 of 8
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
ID1
–7
—
—
A
VGS = –3.5 V, VDS = –2 V
Drain current
ID2
—
—
–10
mA
VGS = –1.2 V, VDS = –2 V
Drain to source breakdown voltage
V (BR) DSS
–60
—
—
V
ID = –10 mA, VGS = 0
V (BR) GSS
–16
—
—
V
IG = –100
µA, VDS = 0
Gate to source breakdown voltage
V (BR) GSS
3
—
—
V
IG = 100
µA, VDS = 0
IGSS1
—
—
–100
µA
VGS = –8 V, VDS = 0
IGSS2
—
—
–50
µA
VGS = –3.5 V, VDS = 0
IGSS3
—
—
–1
µA
VGS = –1.2 V, VDS = 0
Gate to source leak current
IGSS4
—
—
100
µA
VGS = 2.4 V, VDS = 0
IGS (op) 1
—
–0.8
—
mA
VGS = –8 V, VDS = 0
Input current (shut down)
IGS (op) 2
—
–0.35
—
mA
VGS = –3.5 V, VDS = 0
Zero gate voltage drain current
IDSS
—
—
–250
µA
VDS = –50 V, VGS = 0
Gate to source cutoff voltage
VGS (off)
–1.1
—
–2.25
V
ID = –1 mA, VDS = –10 V
RDS (on)
—
100
130
m
Ω
ID = –7.5 A, VGS = –4 V
Note 3
Static drain to source on state resistance
RDS (on)
—
70
90
m
Ω
ID = –7.5 A, VGS = –10 V
Note 3
Forward transfer admittance
|yfs|
5
10
—
S
ID = –7.5 A, VDS = –10 V
Note 3
Output capacitance
Coss
—
610
—
pF
VDS = –10 V, VGS = 0
f = 1 MHz
Turn-on delay time
td (on)
—
7.5
—
µs
Rise time
tr
—
36
—
µs
Turn-off delay time
td (off)
—
32
—
µs
Fall time
tf
—
29
—
µs
ID = –7.5 A
VGS = –5 V
RL = 4
Ω
Body-drain diode forward voltage
VDF
—
–1.0
—
V
IF = –15 A, VGS = 0
Body-drain diode reverse recovery time
trr
—
200
—
ns
IF = –15 A, VGS = 0
diF/dt = 50 A/
µs
tos1
—
3.7
—
ms
VGS = –5 V, VDD = –12 V
Over load shut down operation time
Note4
tos2
—
1
—
ms
VGS = –5 V, VDD = –24 V
Notes: 3. Pulse test
4. Include the time shift based on increasing of channel temperature when operate under over load condition.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com