Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAF2017 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HAF2017
Description  Silicon N Channel Power MOSFET Power Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF2017 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HAF2017 Datasheet HTML 1Page - Renesas Technology Corp HAF2017 Datasheet HTML 2Page - Renesas Technology Corp HAF2017 Datasheet HTML 3Page - Renesas Technology Corp HAF2017 Datasheet HTML 4Page - Renesas Technology Corp HAF2017 Datasheet HTML 5Page - Renesas Technology Corp HAF2017 Datasheet HTML 6Page - Renesas Technology Corp HAF2017 Datasheet HTML 7Page - Renesas Technology Corp HAF2017 Datasheet HTML 8Page - Renesas Technology Corp HAF2017 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.2.00, Apr.13.2004, page 1 of 8
HAF2017(L), HAF2017(S)
Silicon N Channel Power MOS FET
Power Switching
REJ03G0234-0200Z
(Previous ADE-208-1637 (Z))
Rev.2.00
Apr.13.2004
Descriptions
This FET has the over temperature shutdown capability sensing the junction temperature. This FET has the built-in
over temperature shutdown circuit in the gate area. And this circuit operation to shutdown the gate voltage in case of
high junction temperature like applying over power consumption, over current etc..
Features
• Logic level operation (4 to 6 V Gate drive)
• High endurance capability against to the short circuit
• Built-in the over temperature shutdown circuit
• Latch type shutdown operation (Need 0 voltage recovery)
Outline
1. Gate
2. Drain
3. Source
4. Drain
1
2
3
4
1
2
3
4
LDPAK(L)
LDPAK(S)-1
D
S
G
Gate Resistor
Tempe-
rature
Sensing
Circuit
Latch
Circuit
Gate
Shut-
down
Circuit


Similar Part No. - HAF2017

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAF2017(L) RENESAS-HAF2017(L)_15 Datasheet
153Kb / 11P
Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - HAF2017

ManufacturerPart #DatasheetDescription
logo
NEC
2SK654 NEC-2SK654 Datasheet
136Kb / 4P
FAST SWITCHING N-CHANNEL SILICON POWER MOSFET
logo
Hitachi Semiconductor
HAF2008 HITACHI-HAF2008 Datasheet
24Kb / 6P
SILICON N CHANNEL MOSFET SERIES POWER SWITCHING
HAT2096H HITACHI-HAT2096H Datasheet
94Kb / 10P
Silicon N Channel Power MOSFET Power Switching
logo
Renesas Technology Corp
HAT2170H RENESAS-HAT2170H Datasheet
91Kb / 8P
Silicon N Channel MOSFET Power Switching
HAF2007 RENESAS-HAF2007 Datasheet
95Kb / 9P
Silicon N Channel MOSFET Series Power Switching
HAF2021 RENESAS-HAF2021 Datasheet
92Kb / 9P
Silicon N Channel MOSFET Series Power Switching
HAF2026RJ RENESAS-HAF2026RJ Datasheet
143Kb / 9P
Silicon N Channel Power MOSFET Power Switching
HAF2027 RENESAS-HAF2027 Datasheet
116Kb / 9P
Silicon N Channel Power MOSFET Power Switching
HAT2195R-EL-E RENESAS-HAT2195R-EL-E Datasheet
108Kb / 9P
Silicon N Channel Power MOSFET Power Switching
HAT2203C RENESAS-HAT2203C Datasheet
97Kb / 7P
Silicon N Channel MOSFET power switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com