Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAF2017 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HAF2017
Description  Silicon N Channel Power MOSFET Power Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF2017 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAF2017 Datasheet HTML 1Page - Renesas Technology Corp HAF2017 Datasheet HTML 2Page - Renesas Technology Corp HAF2017 Datasheet HTML 3Page - Renesas Technology Corp HAF2017 Datasheet HTML 4Page - Renesas Technology Corp HAF2017 Datasheet HTML 5Page - Renesas Technology Corp HAF2017 Datasheet HTML 6Page - Renesas Technology Corp HAF2017 Datasheet HTML 7Page - Renesas Technology Corp HAF2017 Datasheet HTML 8Page - Renesas Technology Corp HAF2017 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HAF2017(L), HAF2017(S)
Rev.2.00, Apr.13.2004, page 3 of 8
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Darin current
ID1
1
——A
VGS = 3.5 V, VDS = 2 V
Darin current
ID2
——
10
mA
VGS = 1.2 V, VDS = 2 V
Drain to source breakdown voltage
V(BR)DSS
60
——V
ID = 10 mA, VGS =0
Gate to source breakdown
V(BR)GSS
16
——V
IG = 800 µA, VDS =0
voltage
V(BR)GSS
–2.5
—
—
V
IG = –100 µA, VDS =0
Gate to source leak current
IGSS1
—
—
100
µA
VGS = 8 V, VDS =0
IGSS2
—
—
50
µA
VGS = 3.5 V, VDS =0
IGSS3
——
1
µA
VGS = 1.2 V, VDS =0
IGSS4
—
—
–100
µA
VGS = –2.4 V, VDS =0
Input current (shut down)
IGS(OP)1
—0.8
—
mA
VGS = 8 V, VDS =0
IGS(OP)2
—0.35
—
mA
VGS = 3.5 V, VDS =0
Zero gate voltage drain current
IDSS
—
—
10
µA
VDS = 60 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.4
—
2.6
V
VDS = 10 V, ID = 1 mA
Forward transfer admittance
|yfs|6
21
—
S
ID =10 A, VDS =10 V
Note3
Static drain to source on state
RDS(on)
—
3553m
Ω
ID = 10 A, VGS = 4.5 V
Note3
resistance
RDS(on)
—
2743m
Ω
ID = 10 A, VGS = 10 V
Note3
Output capacitance
Coss
—
460
―
pF
VDS = 10 V, VGS =0, f = 1 MHz
Turn-on delay time
td(on)
—
8.7
―
µs
VGS = 5 V, ID= 10 A, RL = 3
Ω
Rise time
tr
—
44.6
—
µs
Turn-off delay time
td(off)
—
2
―
µs
Fall time
tf
—
2.6
—
µs
Body-drain diode forward voltage
VDF
—0.9
—
V
IF = 20A, VGS = 0
Body-drain diode reverse recovery
time
trr
—
120
—
ns
IF = 20 A, VGS = 0,
diF/dt = 50 A/µs
Over load shut down operation
tos1
—0.97
—
ms
VGS = 5 V, VDD = 16 V
time
Note4
tos2
—0.57
—
ms
VGS = 5 V, VDD = 24 V
Notes: 3. Pulse test
4. Include the time shift based on increasing of channel temperature when operate under over load condition.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com